Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1858950 Datasheet (PDF) - PHOENIX CONTACT

1858950 Datasheet PDF - PHOENIX CONTACT
Part # 1858950
Download  1858950 Download
File Size   546.29 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GIC 2,5/10-STF-7,62 - PCB connector

1858950 Datasheet (PDF)

Go To PDF Page Download Datasheet
1858950 Datasheet PDF - PHOENIX CONTACT

Part # 1858950
Download  1858950 Click to download

File Size   546.29 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GIC 2,5/10-STF-7,62 - PCB connector

1858950 Datasheet (HTML) - PHOENIX CONTACT


1858950 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 630 V, contact surface: Tin, contact connection type: Pin, number of potentials: 10,
number of rows: 1, number of positions: 10, number of connections: 10, product range: GIC 2,5/..
-STF, pitch: 7.62 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plugin
system: COMBICON MSTB 2,5, locking: Screw locking mechanism, mounting: Screw flange,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Larger pitch for increased voltage requirements
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections




Similar Part No. - 1858950

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1858905 PHOENIX-1858905 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 5-STF-7,62
logo
Festo Corporation.
185891 FESTO-185891 Datasheet
78Kb / 1P
One-way flow control valve
logo
PHOENIX CONTACT
1858918 PHOENIX-1858918 Datasheet
146Kb / 4P
GIC 2,5/ 6-GF-7,62
1858921 PHOENIX-1858921 Datasheet
77Kb / 5P
Printed-circuit board connector - GIC 2,5/ 7-STF-7,62
1858934 PHOENIX-1858934 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 8-STF-7,62
More results


Similar Description - 1858950

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1858976 PHOENIX-1858976 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/12-STF-7,62
1858934 PHOENIX-1858934 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 8-STF-7,62
1858905 PHOENIX-1858905 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 5-STF-7,62
1858921 PHOENIX-1858921 Datasheet
77Kb / 5P
Printed-circuit board connector - GIC 2,5/ 7-STF-7,62
1858879 PHOENIX-1858879 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 2-STF-7,62
1858895 PHOENIX-1858895 Datasheet
138Kb / 5P
GIC 2,5/ 4-STF-7,62
1858882 PHOENIX-1858882 Datasheet
561Kb / 14P
GIC 2,5/ 3-STF-7,62 - PCB connector
1745661 PHOENIX-1745661 Datasheet
588Kb / 13P
GIC 2,5 HCV/ 6-ST-7,62 - PCB connector
1847961 PHOENIX-1847961 Datasheet
637Kb / 14P
GMVSTBR 2,5/10-STF-7,62 - PCB connector
1828854 PHOENIX-1828854 Datasheet
886Kb / 17P
GIC 2,5/ 7-ST-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com