Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5186US Datasheet (PDF) - Microsemi Corporation

1N5186US Datasheet PDF - Microsemi Corporation
Part # 1N5186US
Download  1N5186US Download
File Size   270.08 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS

1N5186US Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5186US Datasheet PDF - Microsemi Corporation

Part # 1N5186US
Download  1N5186US Click to download

File Size   270.08 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS

1N5186US Datasheet (HTML) - Microsemi Corporation


1N5186US Product details

DESCRIPTION
This “fast recovery” rectifier diode series is military qualified to MIL-PRF-19500/424 and is ideal for high-reliability applications where a failure cannot be tolerated. These industry-recognized 3.0 Amp rated rectifiers for working peak reverse voltages from 100 to 600 volts are hermetically sealed with voidless-glass construction using an internal “Category I” metallurgical bond. These devices are also available in surface mount MELF package configurations by adding a “US” suffix. Microsemi also offers numerous other rectifier products to meet higher and lower current ratings with various recovery time speed requirements including fast and ultrafast device types in both through-hole and surface mount packages.

FEATURES
• Popular JEDEC registered 1N5186 to 1N5190 series
• Voidless hermetically sealed glass package
• Triple-Layer Passivation
• Internal “Category I” Metallurgical bonds
• Working Peak Reverse Voltage 100 to 600 Volts.
• JAN, JANTX, and JANTXV available per MIL-PRF-19500/424
• Surface mount equivalents also available in a square end-cap MELF configuration with “US” suffix

APPLICATIONS / BENEFITS
• Fast recovery 3 Amp rectifiers 100 to 600 V
• Military and other high-reliability applications
• General rectifier applications including bridges,  half-bridges, catch diodes, etc.
• High forward surge current capability
• Extremely robust construction
• Low thermal resistance
• Controlled avalanche with peak reverse power capability
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N5186US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5186 MICROSEMI-1N5186 Datasheet
75Kb / 2P
RECTIFIERS MILITARY APPROVED, 3AMP, FAST RECOVERY
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
1N5186 MICROSEMI-1N5186 Datasheet
106Kb / 2P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
logo
New Jersey Semi-Conduct...
1N5186 NJSEMI-1N5186 Datasheet
147Kb / 1P
RECTIFIERS 3 Amp, Fast Recovery
logo
Digitron Semiconductors
1N5186 DIGITRON-1N5186 Datasheet
572Kb / 3P
FAST RECOVERY RECTIFIERS
More results


Similar Description - 1N5186US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5615 MICROSEMI-1N5615_07 Datasheet
181Kb / 3P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N6626US MICROSEMI-1N6626US Datasheet
363Kb / 4P
VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5415US MICROSEMI-1N5415US Datasheet
324Kb / 3P
VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N6626US MICROSEMI-1N6626US_09 Datasheet
262Kb / 4P
VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5186 MICROSEMI-1N5186_08 Datasheet
106Kb / 2P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5418JAN MICROSEMI-1N5418JAN Datasheet
270Kb / 5P
VOIDLESS HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com