Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1205 Datasheet (PDF) - NXP Semiconductors

SL3S1205 Datasheet PDF - NXP Semiconductors
Part # SL3S1205
Download  SL3S1205 Download
File Size   389.72 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description UCODE 8/8m

SL3S1205 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL3S1205 Datasheet PDF - NXP Semiconductors

Part # SL3S1205
Download  SL3S1205 Click to download

File Size   389.72 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description UCODE 8/8m

SL3S1205 Datasheet (HTML) - NXP Semiconductors


SL3S1205 Product details

General description
The UCODE 8 and UCODE 8m ICs are the latest NXP products of the UCODE family.
UCODE 8/8m offers high performance and features for use in the most demanding RFID
tagging applications.
Particularly well suited for inventory management applications, like e.g Retail and
Fashion, with its great RF performance for any given form factor, UCODE 8/8m
enables long read distance and fast inventory of dense RFID tag population. With its
broadband design, it offers the possibility to manufacture true global RFID label with
great performance over worldwide regulations.
The device also provides a Self Adjust Feature, a Product Status Flag for Electronic
Article Surveillance (EAS) application, pre-serialized 96-bit EPC, Brand Identifier and the
EPC Gen2v2 compliant Untraceable command.

Key features
• Read sensitivity -23 dBm
• Write sensitivity -18 dBm
• Innovative functionality
– Self Adjust
– Memory Safeguard
– Brand Identifier
– Untraceable
– Pre-serialization for 96-bit EPC
– Integrated Product Status Flag (PSF)
• Compatible with single-slit antenna
• Up to 128-bit EPC
• 96-bit Unique Tag Identifier (TID) factory locked, including 48-bit unique serial number
• EPC Gen2v2

Memory
• 128-bit/96-bit (UCODE 8/UCODE 8m) of EPC memory
• Supports pre-serialization for 96-bit EPC
• 96-bit Tag IDentifier (TID) factory locked
• 48-bit unique serial number factory-encoded into TID
• 0-bit/32-bit (UCODE 8/UCODE 8m) User Memory
• 32-bit kill password to permanently disable the tag
• 32-bit access password
• Wide operating temperature range: -40 °C up to +85 °C
• Minimum 100k write cycle endurance




Similar Part No. - SL3S1205

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3S1205 NXP-SL3S1205 Datasheet
389Kb / 38P
UCODE 8/8m
SL3S1205-15 NXP-SL3S1205-15 Datasheet
389Kb / 38P
UCODE 8/8m
SL3S1205FUD/HA NXP-SL3S1205FUD/HA Datasheet
389Kb / 38P
UCODE 8/8m
SL3S1205FUD2/HA NXP-SL3S1205FUD2/HA Datasheet
389Kb / 38P
UCODE 8/8m
SL3S1205FUD2/HAP NXP-SL3S1205FUD2/HAP Datasheet
389Kb / 38P
UCODE 8/8m
More results


Similar Description - SL3S1205

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3ICS30 PHILIPS-SL3ICS30 Datasheet
56Kb / 9P
UCODE HSL
October 2003
SL3S1203_1213 NXP-SL3S1203_1213 Datasheet
461Kb / 22P
UCODE G2iL and G2iL
Rev. 3.2-9 November 2010
SFS069730 PHILIPS-SFS069730 Datasheet
58Kb / 9P
UCODE HSL
October 2003
SL3ICS3001 NXP-SL3ICS3001 Datasheet
550Kb / 54P
UCODE HSL
Rev. 3.1-9 July 2012
SL3S1214 NXP-SL3S1214 Datasheet
308Kb / 34P
UCODE 7m
Rev. 3.4-6 March 2019
SL3S1004 NXP-SL3S1004 Datasheet
591Kb / 33P
UCODE 7xm and UCODE 7xm
Rev. 3.2-27 July 2016
SL3S1204 NXP-SL3S1204 Datasheet
347Kb / 40P
UCODE 7
Rev. 4.0-5 March 2019
SL3S4011 NXP-SL3S4011 Datasheet
314Kb / 30P
UCODE I2C
Rev.3.5-18 September 2018
SL3S1205-15 NXP-SL3S1205-15 Datasheet
389Kb / 38P
UCODE 8/8m
SL3S10X4 NXP-SL3S10X4 Datasheet
336Kb / 39P
UCODE 7xm-1k, UCODE 7xm-2k and UCODE 7xm
Rev. 3.4 - 16 June 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com