Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28162 Datasheet (PDF) - Monolithic Power Systems

MP28162 Datasheet PDF - Monolithic Power Systems
Part # MP28162
Download  MP28162 Download
File Size   1530.65 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, Synchronous Buck-Boost Converter with 1.5A MOSFETs in a Small WLCSP Package

MP28162 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP28162 Datasheet PDF - Monolithic Power Systems

Part # MP28162
Download  MP28162 Click to download

File Size   1530.65 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, Synchronous Buck-Boost Converter with 1.5A MOSFETs in a Small WLCSP Package

MP28162 Datasheet (HTML) - Monolithic Power Systems


MP28162 Product details

DESCRIPTION
The MP28162 is a high-efficiency, low
quiescent current (IQ), buck-boost converter that
operates from an input voltage (VIN) exceeding,
below, or equal to the output voltage (VOUT).
The device provides a compact solution for
products powered by single-cell Li-ion or multicell alkaline batteries, where VOUT is within the
battery voltage (VBATT) range.
Current-mode control and the fixed pulse-width
modulation (PWM) frequency provide optimal
stability and transient response. The fixed
2MHz switching frequency (fREQ) and integrated,
low on resistance (RDS(ON)) MOSFETs reduce
the solution size and maintain high efficiency.
To optimize battery life, the MP28162 employs
selectable pulse-skip mode to reduce fREQ
under light-load conditions. For low-noise
applications where pulse-skip mode may cause
interference, a high-logic input on the
MODE/SYNC pin ensures that the part
operates in fixed-frequency PWM mode under
all load conditions.
The MP28162 is available in a small WLCSP15 (1.3mmx2.1mm) package.

FEATURES
• 1.8V Minimum Start-Up Input Voltage (VIN)
• 1.2V to 5.5V Operating VIN Range
• 1.5V to 5.5V Output Voltage (VOUT) Range
• 1.5A Switching Current Limit
• 2MHz Fixed Switching Frequency (fREQ) or
External Synchronous fREQ
• Selectable Pulse-Skip Mode or Pulse-Width
Modulation (PWM) Mode
• 25μA Typical Quiescent Current (IQ)
• Load Disconnect during Shutdown
• Internal Soft Start (SS) and Compensation
• Short-Circuit Protection (SCP) with Hiccup
Mode
• Over-Temperature Protection (OTP)
• Available in a Small WLCSP-15
(1.3mmx2.1mm) Package

APPLICATIONS
• Optical Modules
• Portable Instruments
• Battery-Powered Devices




Similar Part No. - MP28162

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28163GQ MPS-MP28163GQ Datasheet
1Mb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28163GQ MPS-MP28163GQ Datasheet
597Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
MP28163GQ-P MPS-MP28163GQ-P Datasheet
1Mb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
More results


Similar Description - MP28162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01 Datasheet
1Mb / 20P
TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT563 Package
DECEMBER 2021
TPS62A06 TI-TPS62A06 Datasheet
1Mb / 26P
TPS62A06, TPS62A06A, 6-A High-Efficiency Synchronous Buck Converter in a SOT563 Package
APRIL 2023
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com