Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3435 Datasheet (PDF) - Monolithic Power Systems

MP3435 Datasheet PDF - Monolithic Power Systems
Part # MP3435
Download  MP3435 Download
File Size   782.23 Kbytes
Page   26 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 19A, 600kHz, 22V Output Range, Synchronous Boost Converter with Input Disconnect Function

MP3435 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP3435 Datasheet PDF - Monolithic Power Systems

Part # MP3435
Download  MP3435 Click to download

File Size   782.23 Kbytes
Page   26 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 19A, 600kHz, 22V Output Range, Synchronous Boost Converter with Input Disconnect Function

MP3435 Datasheet (HTML) - Monolithic Power Systems


MP3435 Product details

DESCRIPTION
The MP3435 is a 600kHz, fixed frequency,
high-efficiency, highly integrated boost
converter that operates across a wide input
voltage (VIN) range, with optional input
disconnect and an input average current limit
function. The input disconnect feature provides
additional protection by isolating the input from
the output during an output short or shutdown.
For battery-operated applications, this feature
also helps prevent battery depletion. With a
configurable input average current limit, the
MP3435 supports a wide range of applications.
The MP3435 features a 10mΩ low-side
MOSFET (LS-FET) and a 15mΩ synchronous
high-side MOSFET (HS-FET) for high efficiency
and low BOM cost. An external compensation
pin allows flexibility in setting loop dynamics
and obtaining optimal transient performance
under all conditions.
The MP3435 includes under-voltage lockout
(UVLO), switching current limiting, and thermal
shutdown to prevent damage in the event of an
output overload.
The MP3435 is available in a low-profile QFN20 (3mmx4mm) package.

FEATURES
• 3V to 20V Wide Input Voltage (VIN) Range
• Up to 22V Output Voltage (VOUT)
• Integrated 10mΩ and 15mΩ MOSFET
• 19A Internal Switch Current Limit or
External Configurable Input Current Limit
• Input Disconnect and Output Short-Circuit
Protection (SCP)
• Configurable Under-Voltage Lockout
(UVLO) and Hysteresis
• <1µA Shutdown Current
• Thermal Shutdown at 150°C
• Available in QFN-20 (3mmx4mm)
Package

APPLICATIONS
• Thunderbolt Interfaces
• Notebooks and Tablets
• Bluetooth Audio
• Power Banks
• Fuel Cells
• Point-of-Sale (POS) Systems




Similar Part No. - MP3435

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
90V Step-Up Converter with APD Current Monitor
MP3430GQ MPS-MP3430GQ Datasheet
1,012Kb / 15P
90V Step-Up Converter with APD Current Monitor
MP3430GQ MPS-MP3430GQ Datasheet
370Kb / 5P
90V Step-Up Converter with APD Current Monitor Evaluation Board
MP3430HQ MPS-MP3430HQ Datasheet
1,012Kb / 15P
90V Step-Up Converter with APD Current Monitor
MP3431 MPS-MP3431 Datasheet
973Kb / 25P
21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter with Programmable Input Current Limit
More results


Similar Description - MP3435

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP9184A MPS-MP9184A Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
MP3428A MPS-MP3428A Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
EV3427-L-00A MPS-EV3427-L-00A Datasheet
523Kb / 8P
17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter EV Board
EV9184A-L-00A MPS-EV9184A-L-00A Datasheet
1Mb / 8P
19A, 600kHz 20V Wide Input Synchronous Boost Converter EV Board
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com