Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4415AGQB Datasheet (PDF) - Monolithic Power Systems

MP4415AGQB Datasheet PDF - Monolithic Power Systems
Part # MP4415AGQB
Download  MP4415AGQB Download
File Size   1690.99 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.5A, 36V, 2.2MHz, High-Efficiency Synchronous Step-Down Converter

MP4415AGQB Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4415AGQB Datasheet PDF - Monolithic Power Systems

Part # MP4415AGQB
Download  MP4415AGQB Click to download

File Size   1690.99 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.5A, 36V, 2.2MHz, High-Efficiency Synchronous Step-Down Converter

MP4415AGQB Datasheet (HTML) - Monolithic Power Systems


MP4415AGQB Product details

DESCRIPTION
The MP4415A is a high-frequency,
synchronous, rectified, step-down, switch-mode
converter with built-in power MOSFETs. The
MP4415A offers a very compact solution that
achieves 1.5A of continuous output current with
excellent load and line regulation over a wide
input supply range. The MP4415A uses
synchronous mode operation for higher
efficiency over the output current load range.
Current mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection (OCP) and thermal shutdown.
The MP4415A requires a minimal number of
readily available, standard external
components, and is available in a space-saving
QFN-13 (2.5mmx3mm) package.

FEATURES
 Wide 4V to 36V Operating Input Range
 1.5A Continuous Load Current
 90mΩ/50mΩ Low RDS(ON) Internal Power
MOSFETs
 High-Efficiency Synchronous Mode
Operation
 Default 2.2MHz Switching Frequency
 450kHz to 2.2MHz Frequency Sync
 Forced Continuous Conduction Mode (CCM)
 Internal Soft Start (SS)
 Power Good (PG) Indicator
 Over-Current Protection (OCP) with ValleyCurrent Detection and Hiccup Mode
 Thermal Shutdown
 Output Adjustable from 0.8V
 CISPR25 Class 5 Compliant
 Available in a QFN-13 (2.5mmx3mm)
Package

APPLICATIONS
 Automotive
 Industrial Control Systems
 Medical and Imaging Equipment
 Telecom Applications
 Distributed Power Systems




Similar Part No. - MP4415AGQB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4410 TOSHIBA-MP4410 Datasheet
155Kb / 3P
POWER MOS FET MODULE SILICON N CHANNEL MOS TYPE
MP4410 TOSHIBA-MP4410 Datasheet
133Kb / 4P
High Power, High Speed Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
logo
Monolithic Power System...
MP4410 MPS-MP4410 Datasheet
545Kb / 17P
36V, 100mA Synchronous Step-Down Converter
MP4410GQ MPS-MP4410GQ Datasheet
545Kb / 17P
36V, 100mA Synchronous Step-Down Converter
logo
Toshiba Semiconductor
MP4410 TOSHIBA-MP4410_07 Datasheet
133Kb / 4P
High Power, High Speed Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results


Similar Description - MP4415AGQB

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4415M MPS-MPQ4415M Datasheet
1Mb / 22P
1.5A, 36V, 2.2MHz, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MP4420 MPS-MP4420 Datasheet
748Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4420H MPS-MP4420H Datasheet
768Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter
MP4423 MPS-MP4423 Datasheet
616Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
MP4423A MPS-MP4423A Datasheet
818Kb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MPQ4425M MPS-MPQ4425M Datasheet
1Mb / 21P
High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step-Down LED Driver AEC-Q100 Qualified
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
EV4415M-QB-00A MPS-EV4415M-QB-00A Datasheet
1Mb / 10P
High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down Convertor Evaluation Board
logo
Maxim Integrated Produc...
MAX17631 MAXIM-MAX17631 Datasheet
1Mb / 24P
4.5V to 36V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com