Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5505E Datasheet (PDF) - Monolithic Power Systems

MP5505E Datasheet PDF - Monolithic Power Systems
Part # MP5505E
Download  MP5505E Download
File Size   569.66 Kbytes
Page   18 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 7V, 4A, High-Efficiency, Energy Storage and Management Unit

MP5505E Datasheet (PDF)

Go To PDF Page Download Datasheet
MP5505E Datasheet PDF - Monolithic Power Systems

Part # MP5505E
Download  MP5505E Click to download

File Size   569.66 Kbytes
Page   18 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 7V, 4A, High-Efficiency, Energy Storage and Management Unit

MP5505E Datasheet (HTML) - Monolithic Power Systems


MP5505E Product details

DESCRIPTION
The MP5505E is a lossless energy storage and
management unit targeted toward solid-state
and hard-disk drive applications. The highly
integrated input current limit and energy
storage-and-release management make the
system solution very compact.
The internal input current limit block with dV/dt
control prevents inrush current during system
start-up. The bus voltage start-up slew rate is
programmable, and a power-on reset function is
included for hot-swapping. MPS’s patented
energy storage-and-release management
control circuit minimizes the storage capacitor
requirement. It pumps the input voltage to a
higher storage voltage and releases the energy
over a hold-up time to the system in the case of
an input outage. The storage voltage and the
release voltage are both programmable for
different system applications.
The MP5505E requires a minimal number of
readily available, standard, external
components and is available in a QFN-20
(3mmx4mm) package.

FEATURES
 Wide 2.7V to 7V Operating Input Range
 Input Current Limiter with Integrated 60mΩ
MOSFET
 Up to 4.5A Input Current Limit
 Reverse-Current Protection
 6V Bus Clamping Voltage
 Power-On Reset
 Adjustable dV/dt Slew Rate for Bus Voltage
Start-Up
 Internal 30mΩ Disconnect Switch
 Internal 70mΩ and 60mΩ Power Switches
for Energy Storage and Release
Management Circuits
 Thermal Protection
 EN and Power Good Indicators
 Available in a QFN-20 (3mmx4mm)
Package

APPLICATIONS
 Solid-State Drives (SSD)
 Hard-Disk Drives
 Power Back-Up/Battery Hold-Up Supplies




Similar Part No. - MP5505E

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5505EGL MPS-MP5505EGL Datasheet
199Kb / 7P
7V, 4A Energy Storage and Management Unit Application Evaluation Board
More results


Similar Description - MP5505E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5550 NSC-LP5550 Datasheet
1Mb / 25P
PowerWise Technology Compliant Energy Management Unit
LP5552 NSC-LP5552 Datasheet
500Kb / 3P
PWI 2.0 and PowerWise??Technology Compliant Energy Management Unit
LP5551 NSC-LP5551 Datasheet
3Mb / 32P
PowerWise??Technology Compliant Energy Management Unit
LP5552 NSC-LP5552_08 Datasheet
1Mb / 36P
PWI 2.0 and PowerWise Technology Compliant Energy Management Unit
logo
Monolithic Power System...
MP5505 MPS-MP5505 Datasheet
805Kb / 15P
7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5507E MPS-MP5507E Datasheet
1Mb / 18P
7V, 3A, High-Efficiency, Energy Management IC for Power Backup
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
EV5505E-L-00A MPS-EV5505E-L-00A Datasheet
199Kb / 7P
7V, 4A Energy Storage and Management Unit Application Evaluation Board
EV5507E-RG-00A MPS-EV5507E-RG-00A Datasheet
391Kb / 6P
7V Energy Storage and Management Unit for SSD Application Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com