Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6508A Datasheet (PDF) - Monolithic Power Systems

MP6508A Datasheet PDF - Monolithic Power Systems
Part # MP6508A
Download  MP6508A Download
File Size   688.93 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package

MP6508A Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6508A Datasheet PDF - Monolithic Power Systems

Part # MP6508A
Download  MP6508A Click to download

File Size   688.93 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package

MP6508A Datasheet (HTML) - Monolithic Power Systems


MP6508A Product details

DESCRIPTION
The MP6508A is a bipolar stepper motor driver
with dual, built-in full-bridges consisting of Nchannel power MOSFETs. The device operates
across a 2.7V to 18V input voltage (VIN) range
and can deliver a motor current up to 1.2A per
channel.
Internal safety features include over-current
protection (OCP), under-voltage lockout
protection (UVLO), and thermal shutdown. The
MP6508A provides a fault output flag to indicate
OCP and thermal shutdown.
The MP6508A is available in a QFN-16
(3mmx3mm) package with an exposed thermal
pad on the backside.

FEATURES
• Wide 2.7V to 18V Input Voltage (VIN) Range
• Two Internal Full-Bridge Drivers
• Low On Resistance (RDS(ON)): 250mΩ HighSide MOSFET (HS-FET) and Low-Side
MOSFET (LS-FET)
• Internal Charger Pump for the High-Side
(HS) Driver
• Low 1.6mA Quiescent Current (IQ)
• Low 1µA Sleep Current
• Over-Current Protection (OCP)
• Thermal Shutdown and Under-Voltage
Lockout (UVLO) Protection
• Fault Indication Output
• Thermally Enhanced Surface-Mount
Package
• Available in a QFN-16 (3mmx3mm)
Package

APPLICATIONS
• Point-of-Sale (POS) Printers
• Video Security Cameras
• Digital Still Cameras
• Battery-Powered Toys




Similar Part No. - MP6508A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6508 MPS-MP6508 Datasheet
1Mb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6508GF MPS-MP6508GF Datasheet
1Mb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6508GR MPS-MP6508GR Datasheet
1Mb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
More results


Similar Description - MP6508A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6228 STMICROELECTRONICS-L6228 Datasheet
443Kb / 26P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
logo
RF Micro Devices
RF1450 RFMD-RF1450 Datasheet
395Kb / 12P
RoHS Compliant & Pb-Free Product Package Style: QFN, 16-pin, 3mmx3mm
logo
New Japan Radio
NJU7384 NJRC-NJU7384 Datasheet
192Kb / 10P
Pulse Input Bipolar Stepper Motor Driver
logo
Eutech Microelectronics...
EUM6270 EUTECH-EUM6270 Datasheet
120Kb / 1P
1.2A/18V PWM Fan Motor Driver
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
L9942 stepper motor driver for bipolar stepper motors
05-Dec-2013
logo
Monolithic Power System...
EV6509GF-00A MPS-EV6509GF-00A Datasheet
351Kb / 7P
1.2A,18V, Bipolar Stepper Motor Driver Evaluation Board
MP6506 MPS-MP6506 Datasheet
432Kb / 13P
2.7V-to-15V, 500mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6507 MPS-MP6507 Datasheet
551Kb / 18P
2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6508 MPS-MP6508 Datasheet
1Mb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6509 MPS-MP6509 Datasheet
575Kb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com