Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCF21U Datasheet (PDF) - Abracon Corporation

ASCF21U Datasheet PDF - Abracon Corporation
Part # ASCF21U
Download  ASCF21U Download
File Size   460.63 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS

ASCF21U Datasheet (PDF)

Go To PDF Page Download Datasheet
ASCF21U Datasheet PDF - Abracon Corporation

Part # ASCF21U
Download  ASCF21U Click to download

File Size   460.63 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS

ASCF21U Datasheet (HTML) - Abracon Corporation


ASCF21U Product details

FEATURES:
• Surface-mount ceramic package.
• Reflow capable.
• Excellent attenuation bandwidth.
• Low height.(1.5mm max.)

APPLICATIONS:
• Mobile communication systems.
• Pagers.
• Cellular and cordless phones.
• Radios.




Similar Part No. - ASCF21U

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASCF21UB ABRACON-ASCF21UB Datasheet
146Kb / 1P
SURFACE MOUNT CRYSTAL FILTER
ASCF21UB15A ABRACON-ASCF21UB15A Datasheet
146Kb / 1P
SURFACE MOUNT CRYSTAL FILTER
ASCF21UB15B ABRACON-ASCF21UB15B Datasheet
146Kb / 1P
SURFACE MOUNT CRYSTAL FILTER
ASCF21UB20A ABRACON-ASCF21UB20A Datasheet
146Kb / 1P
SURFACE MOUNT CRYSTAL FILTER
ASCF21UB20B ABRACON-ASCF21UB20B Datasheet
146Kb / 1P
SURFACE MOUNT CRYSTAL FILTER
More results


Similar Description - ASCF21U

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACF21U ABRACON-ACF21U Datasheet
372Kb / 1P
21.4MHz and 45MHz MONOLITHIC CRYSTAL FILTERS
logo
ECM Electronics Limited...
ECF45 ECM-ECF45 Datasheet
89Kb / 1P
Surface Mount Crystal Filters
logo
NIHON DEMPA KOGYO
45S7.5AA NDK-45S7.5AA Datasheet
82Kb / 1P
Fundamental 45MHz-Series MCF
logo
AEL Crystals Ltd
21MS7.5A AEL-21MS7.5A Datasheet
146Kb / 1P
Surface Mounted Monolithic Crystal Filters 21.4MHz & 45MHz
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
Monolithic Crystal Filters
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
Monolithic Crystal Filters
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com