Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAMC0136DENR Datasheet (PDF) - Texas Instruments

PAMC0136DENR Datasheet PDF - Texas Instruments
Part # PAMC0136DENR
Download  PAMC0136DENR Download
File Size   1256.24 Kbytes
Page   25 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock

PAMC0136DENR Datasheet (PDF)

Go To PDF Page Download Datasheet
PAMC0136DENR Datasheet PDF - Texas Instruments

Part # PAMC0136DENR
Download  PAMC0136DENR Click to download

File Size   1256.24 Kbytes
Page   25 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock

PAMC0136DENR Datasheet (HTML) - Texas Instruments


PAMC0136DENR Product details

1 Features
• Linear input voltage range: ±1V
• High input impedance: 1.1GΩ (typ)
• Supply voltage range:
– High-side (AVDD): 3.0V to 5.5V
– Low-side (DVDD): 2.7V to 5.5V
• Low DC errors:
– Offset error: ±0.9mV (max)
– Offset drift: ±7μV/°C (max)
– Gain error: ±0.25% (max)
– Gain drift: ±40ppm/°C (max)
• High CMTI: 150V/ns (min)
• Missing high-side supply detection
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Functional Isolation:
– 200VRMS, 280VDC working voltage
– 570VRMS, 800VDC transient overvoltage (60s)
• Fully specified over extended industrial
temperature range: –40°C to +125°C

2 Applications
• 48V motor drives
• 48V frequency inverters
• Analog input modules
• Power supplies

3 Description
The AMC0136 is a precision, functionally isolated,
delta-sigma modulator with a high-impedance input
and a ±1V input voltage range. The isolation barrier
separates parts of the system that operate on different
common-mode voltage levels. The isolation barrier
supports a working voltage up to 200VRMS / 280VDC
and transient overvoltages up to 570VRMS / 800VDC.
With a small package size and high input impedance,
the AMC0136 is designed for high accuracy, isolated
voltage sensing in space-constrained applications.
The galvanic isolation barrier supports high commonmode
transients and allows for isolating sensitive
control circuitry from switching noise from the power
stage.
The output bitstream of the AMC0136 is synchronized
to an external clock. Combined with a sinc3, OSR 256
filter, the device achieves 16 bits of resolution with an
89dB dynamic range and a 39kSPS data rate.
The AMC0136 is available in an 8-pin, 0.65mm pitch
VSON package and is specified over the extended
industrial temperature range of –40°C to +125°C.




Similar Part No. - PAMC0136DENR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PAMC0136DENR TI-PAMC0136DENR Datasheet
1Mb / 34P
AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
DECEMBER 2024
More results


Similar Description - PAMC0136DENR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
Isolated Sigma-Delta Modulator
Rev. PrA
AD7401A AD-AD7401A Datasheet
436Kb / 20P
Isolated Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
Isolated Sigma-Delta Modulator
Rev. F
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com