Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA100T Datasheet (PDF) - VTI technologies

SCA100T Datasheet PDF - VTI technologies
Part # SCA100T
Download  SCA100T Download
File Size   224.0 Kbytes
Page   2 Pages
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies
Description Inclinometer

SCA100T Datasheet (PDF)

Go To PDF Page Download Datasheet
SCA100T Datasheet PDF - VTI technologies

Part # SCA100T
Download  SCA100T Click to download

File Size   224.0 Kbytes
Page   2 Pages
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies
Description Inclinometer

SCA100T Datasheet (HTML) - VTI technologies


SCA100T Product details

FEATURES

• 2-axis inclination measurement (X and Y)

• Available ranges ±0.5 g (±30 °), ±1.0 g (±90 °)

• Over damped frequency response by Sensing Element (-3 dB @ 8...28 Hz)

• 0.003 ° resolution (10 Hz BW, analog output)

• Advanced internal and external connection failure detection

• Digitally activated electrostatic sensing element self test

• Continuous memory parity check

• Single +5 V supply; ratiometric voltage output

• Serial Peripheral Interface (SPI) compatible

• Internal temperature sensor, accessible via SPI

• Lead-free reflow solderable lead-free component



BENEFITS

• Excellent reliability and stability over time and temperature

• Instrumentation grade performance

• High resolution and low noise

• Wide temperature range

• Outstanding overload and shock durability



APPLICATIONS

• 2-axis platform levelling

• Inclination based position measurement

• Tilt measurement with cross-axis compensation

• 360 ° vertical orientation measurement



 




Similar Part No. - SCA100T

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA100T MURATA-SCA100T Datasheet
512Kb / 17P
THE SCA100T DUAL AXIS INCLINOMETER SERIES Single 5 V supply
SCA100T-D01 MURATA-SCA100T-D01 Datasheet
168Kb / 2P
Maximum Range 짹0.5g
SCA100T-D02 MURATA-SCA100T-D02 Datasheet
168Kb / 2P
Maximum Range
SCA100T-D07 MURATA-SCA100T-D07 Datasheet
177Kb / 2P
Accelerometers
logo
Murata Manufacturing Co...
SCA100T-D07 MURATA1-SCA100T-D07 Datasheet
150Kb / 2P
Accelerometers
02/15/2024
More results


Similar Description - SCA100T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCA61T ETC2-SCA61T Datasheet
420Kb / 18P
INCLINOMETER SERIES
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
Accelerometer/Inclinometer
SCL1700 VTI-SCL1700 Datasheet
258Kb / 2P
Inclinometer Subassembly
SCL1700-D31 VTI-SCL1700-D31 Datasheet
167Kb / 5P
INCLINOMETER SUB-ASSEMBLY
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
Accelerometer/Inclinometer
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
Dual axis inclinometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com