Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1407334 Datasheet (PDF) - PHOENIX CONTACT

1407334 Datasheet PDF - PHOENIX CONTACT
Part # 1407334
Download  1407334 Download
File Size   2150.94 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P- 2,0-28R/FR SCO RAIL - Sensor/actuator cable

1407334 Datasheet (PDF)

Go To PDF Page Download Datasheet
1407334 Datasheet PDF - PHOENIX CONTACT

Part # 1407334
Download  1407334 Click to download

File Size   2150.94 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P- 2,0-28R/FR SCO RAIL - Sensor/actuator cable

1407334 Datasheet (HTML) - PHOENIX CONTACT


1407334 Product details

Sensor/actuator cable, 5-position, PE-X halogen-free, black, shielded, free cable end, on Socket
angled M12 SPEEDCON, coding: A, cable length: 2 m, For railway applications

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Securely locked by special vibration brake
• Resistant to temperature influences – tested for an extended temperature range and for resistance to temperature shocks
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1407334

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407330 PHOENIX-1407330 Datasheet
1Mb / 38P
SAC-5P-MR/10,0-28R SCO RAIL - Sensor/actuator cable
1407331 PHOENIX-1407331 Datasheet
2Mb / 38P
SAC-5P- 2,0-28R/FS SCO RAIL - Sensor/actuator cable
1407332 PHOENIX-1407332 Datasheet
2Mb / 38P
SAC-5P- 5,0-28R/FS SCO RAIL - Sensor/actuator cable
1407333 PHOENIX-1407333 Datasheet
2Mb / 38P
SAC-5P-10,0-28R/FS SCO RAIL - Sensor/actuator cable
1407335 PHOENIX-1407335 Datasheet
2Mb / 38P
SAC-5P- 5,0-28R/FR SCO RAIL - Sensor/actuator cable
More results


Similar Description - 1407334

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400570 PHOENIX-1400570 Datasheet
77Kb / 4P
Sensor/actuator cable - SAC-5P- 2,0-PUR/FS SCO BK
12/03/2018
1406087 PHOENIX-1406087 Datasheet
168Kb / 11P
Sensor/actuator cable - SAC-8P- 2,0-542/ FR SH SCO BK
09/11/2020
1406152 PHOENIX-1406152 Datasheet
139Kb / 9P
Sensor/actuator cable - SAC-5P- 2,0-542/ FR SH SCO BK
09/11/2020
1407312 PHOENIX-1407312 Datasheet
270Kb / 23P
Sensor/actuator cable - SAC-4P-MS/ 5,0-28R SCO RAIL
09/11/2020
1407314 PHOENIX-1407314 Datasheet
276Kb / 24P
Sensor/actuator cable - SAC-4P-MR/ 2,0-28R SCO RAIL
09/11/2020
1407325 PHOENIX-1407325 Datasheet
271Kb / 23P
Sensor/actuator cable - SAC-5P-MS/ 2,0-28R SCO RAIL
09/11/2020
1407337 PHOENIX-1407337 Datasheet
219Kb / 16P
Sensor/actuator cable - SAC-5P-MS/ 2,0-28R/FS SCO RAIL
09/11/2020
1424884 PHOENIX-1424884 Datasheet
169Kb / 12P
Sensor/actuator cable - SAC-5P-MR/ 0,5-547/FR SCO BK
09/11/2020
1424957 PHOENIX-1424957 Datasheet
133Kb / 9P
Sensor/actuator cable - SAC-5P- 2,0-547/FS SCO BK
09/11/2020
1405983 PHOENIX-1405983 Datasheet
1Mb / 9P
Bus system cable - SAC-5P- 2,0-924/FR SCO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com