Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFLT Datasheet (PDF) - Abracon Corporation

ASFLT Datasheet PDF - Abracon Corporation
Part # ASFLT
Download  ASFLT Download
File Size   202.75 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR

ASFLT Datasheet (PDF)

Go To PDF Page Download Datasheet
ASFLT Datasheet PDF - Abracon Corporation

Part # ASFLT
Download  ASFLT Click to download

File Size   202.75 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR

ASFLT Datasheet (HTML) - Abracon Corporation


ASFLT Product details

TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR



FEATURES:

• Highly reliable seam-sealed package

• Low current consumption

• Low phase noise and jitter

• Industrial grade tight temperature stability (±5.0ppm / -40 to +85°C)

• Fast start-up time

• CMOS output with Tri-state function



APPLICATIONS:

• Home networking by AC socket

• Wireless LAN

• Mobile communications

• PLC modem

• WiMax



 




Similar Part No. - ASFLT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLT ABRACON-ASFLT Datasheet
201Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
Revised C: 03.11.08
ASFLT ABRACON-ASFLT_08 Datasheet
201Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
Revised C: 03.11.08
More results


Similar Description - ASFLT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASET ABRACON-ASET Datasheet
204Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE OSCILLATOR
4.20.07
logo
Golledge Electronics Lt...
GXO-3332 GOLLEDGE-GXO-3332 Datasheet
82Kb / 2P
2.5~3.3V Tight Stability Oscillator
GXO-5332 GOLLEDGE-GXO-5332 Datasheet
83Kb / 2P
2.5~3.3V Tight Stability Oscillator
logo
Abracon Corporation
ASET ABRACON-ASET_08 Datasheet
201Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
03.26.08
ASFLT ABRACON-ASFLT_08 Datasheet
201Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
Revised C: 03.11.08
logo
Golledge Electronics Lt...
GXO-3232 GOLLEDGE-GXO-3232 Datasheet
170Kb / 2P
2.5~3.3V Tight Stability Oscillator
GXO-3332 GOLLEDGE-GXO-3332_16 Datasheet
171Kb / 2P
1.8 ~ 3.3V Tight Stability Oscillator
GXO-5332 GOLLEDGE-GXO-5332_16 Datasheet
201Kb / 2P
2.5~3.3V Tight Stability Oscillator
logo
ECS, Inc.
ECS-3225SMV ECS-ECS-3225SMV Datasheet
329Kb / 2P
SMD MultiVolt Crystal Oscillator Tight Stability
ECS-2520SMV ECS-ECS-2520SMV Datasheet
457Kb / 2P
SMD Multi Volt Crystal Oscillator Tight Stability
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com