Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB10035 Datasheet (PDF) - Microsemi Corporation

SPB10035 Datasheet PDF - Microsemi Corporation
Part # SPB10035
Download  SPB10035 Download
File Size   131.04 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2 X 100A SCHOTTKY BARRIER RECTIFIER

SPB10035 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPB10035 Datasheet PDF - Microsemi Corporation

Part # SPB10035
Download  SPB10035 Click to download

File Size   131.04 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2 X 100A SCHOTTKY BARRIER RECTIFIER

SPB10035 Datasheet (HTML) - Microsemi Corporation




Similar Part No. - SPB10035

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SPB10015 MICROSEMI-SPB10015 Datasheet
128Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
logo
Bourns Electronic Solut...
SPB1005 BOURNS-SPB1005 Datasheet
759Kb / 4P
Power Bead Inductors
Mar 31, 2015
SPB1005-R10M BOURNS-SPB1005-R10M Datasheet
759Kb / 4P
Power Bead Inductors
Mar 31, 2015
SPB1005-R12M BOURNS-SPB1005-R12M Datasheet
759Kb / 4P
Power Bead Inductors
Mar 31, 2015
SPB1005-R15M BOURNS-SPB1005-R15M Datasheet
759Kb / 4P
Power Bead Inductors
Mar 31, 2015
More results


Similar Description - SPB10035

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SPB16035 MICROSEMI-SPB16035 Datasheet
135Kb / 2P
2 X 160A SCHOTTKY BARRIER RECTIFIER
SPB8080 MICROSEMI-SPB8080 Datasheet
142Kb / 2P
4 X 80A SCHOTTKY BARRIER RECTIFIER
SPB10015 MICROSEMI-SPB10015 Datasheet
128Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB10080 MICROSEMI-SPB10080 Datasheet
131Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB16080 MICROSEMI-SPB16080 Datasheet
130Kb / 2P
2 X 160A SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
6CWQ06FNPBF VISHAY-6CWQ06FNPBF Datasheet
110Kb / 6P
Schottky Rectifier, 2 x 3.5 A
13-Aug-08
12CTQ VISHAY-12CTQ Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 6 A
06-Oct-08
15CTQS VISHAY-15CTQS Datasheet
135Kb / 6P
Schottky Rectifier, 2 x 7.5 A
22-Aug-08
logo
Microsemi Corporation
SPB8035 MICROSEMI-SPB8035 Datasheet
120Kb / 2P
4 X 80A Schottky Barrier Rectifier
SPB8080 MICROSEMI-SPB8080_10 Datasheet
120Kb / 2P
4 X 80A Schottky Barrier Rectifier
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com