Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRDA70-4 Datasheet (PDF) - Microsemi Corporation

SRDA70-4 Datasheet PDF - Microsemi Corporation
Part # SRDA70-4
Download  SRDA70-4 Download
File Size   271.63 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description STEERING DIODE TVS ARRAY

SRDA70-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRDA70-4 Datasheet PDF - Microsemi Corporation

Part # SRDA70-4
Download  SRDA70-4 Click to download

File Size   271.63 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description STEERING DIODE TVS ARRAY

SRDA70-4 Datasheet (HTML) - Microsemi Corporation


SRDA70-4 Product details

DESCRIPTION
These low capacitance diode arrays are multiple, discrete, isolated junctions fabricated by a planar process and mounted in a SO-8 package for use as steering diodes protecting up to four I/O ports from ESD, EFT, or surge by directing them either to the positive side of the power supply line or to ground (see schematic, page 2). An external TVS diode may be added between the positive supply line and ground to prevent overvoltage on the supply rail. These arrays offer many advantages of integrated circuits such as high density packaging and improved reliability. This is a result of fewer pick and place operations, smaller footprint, smaller weight, and elimination of various discrete packages that may not be as user friendly in PC board mounting.

FEATURES
• Diode Array to Protect Four I/O Lines
• Surge protection per IEC 61000-4-2, IEC 61000-4-4 and IEC61000-4-5 (1 kV, 24 A at 8/20 µs)
• UL 94V-0 Flammability Classification
• Low Capacitance for High-Speed Interfaces

APPLICATIONS / BENEFITS
• Data Line Protection
• Latch-Up Protection
• RS-232 & RS-422 Interface Networks
• Computer I/O Ports
• LAN




Similar Part No. - SRDA70-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA70-4 SEMTECH-SRDA70-4 Datasheet
219Kb / 6P
RailClamp Low Capacitance TVS Diode Array?
SRDA70-4 SEMTECH-SRDA70-4 Datasheet
199Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
SRDA70-4.T SEMTECH-SRDA70-4.T Datasheet
199Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
SRDA70-4.TB SEMTECH-SRDA70-4.TB Datasheet
199Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
SRDA70-4.TBT SEMTECH-SRDA70-4.TBT Datasheet
199Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
More results


Similar Description - SRDA70-4

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
TVS/Steering Diode Array
logo
Microsemi Corporation
MMAD1108 MICROSEMI-MMAD1108_05 Datasheet
81Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD1109 MICROSEMI-MMAD1109_05 Datasheet
105Kb / 2P
Switching Diode Array Steering Diode TVS Array
logo
Bourns Electronic Solut...
CDDFN6-0504P BOURNS-CDDFN6-0504P Datasheet
269Kb / 4P
TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
TVS/Steering Diode Array
CDSOT236-0504LC BOURNS-CDSOT236-0504LC_12 Datasheet
287Kb / 4P
TVS/Steering Diode Array
CDDFN-6-0504P BOURNS-CDDFN-6-0504P Datasheet
269Kb / 4P
TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
TVS/Steering Diode Array
CDDFN10-3304NA BOURNS-CDDFN10-3304NA Datasheet
485Kb / 5P
TVS/Steering Diode Array
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com