Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA1020 Datasheet (PDF) - VTI technologies

SCA1020 Datasheet PDF - VTI technologies
Part # SCA1020
Download  SCA1020 Download
File Size   387.75 Kbytes
Page   3 Pages
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies
Description Accelerometer

SCA1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCA1020 Datasheet PDF - VTI technologies

Part # SCA1020
Download  SCA1020 Click to download

File Size   387.75 Kbytes
Page   3 Pages
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies
Description Accelerometer

SCA1020 Datasheet (HTML) - VTI technologies


SCA1020 Product details

FEATURES

•  2-axis measurement: SCA1000 for X - Y measurement and SCA1020 for Z - Y measurement

• Available range ±1.7 g

•  Interchangeable with SCA610/SCA620 (see interchangeability drawing below)

•  Over damped sensing element to control frequency response

•  SMD DIL-12 lead-free component

•  Compatible with lead-free reflow soldering process

•  Advanced internal and external connection failure detection

•  Digitally activated electrostatic self-test

•  Continuous memory parity check

•  Single +5 V supply; two ratiometric analog voltage outputs

•  Serial Peripheral Interface (SPI) compatible digital output (11 bits)

•  Internal temperature sensor, accessible via SPI



BENEFITS

•  Excellent reliability and stability over time and temperature

•  High resolution and low noise

•  Wide operating temperature range

•  Outstanding overload and shock durability



APPLICATIONS

•  2-axis acceleration measurements

•  2-axis platform leveling

•  Inclination based position measurement

•  360 ° vertical orientation measurement




Similar Part No. - SCA1020

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
More results


Similar Description - SCA1020

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA1201P MOTOROLA-MMA1201P Datasheet
267Kb / 8P
MICROMACHINED ACCELEROMETER
logo
VTI technologies
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
Accelerometer/Inclinometer
SCA620 VTI-SCA620 Datasheet
160Kb / 2P
Accelerometer
logo
List of Unclassifed Man...
1017A ETC2-1017A Datasheet
52Kb / 2P
PIEZOELECTRIC ACCELEROMETER
1021A ETC2-1021A Datasheet
80Kb / 2P
PIEZOELECTRIC ACCELEROMETER
KX022-1020 ETC2-KX022-1020 Datasheet
2Mb / 75P
Accelerometer Specifications
KXCJK-1013 ETC2-KXCJK-1013 Datasheet
1,007Kb / 31P
Accelerometer Specifications
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
Axis Accelerometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com