Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-104S-680 Datasheet (PDF) - Abracon Corporation

ASPI-104S-680 Datasheet PDF - Abracon Corporation
Part # ASPI-104S-680
Download  ASPI-104S-680 Download
File Size   112.92 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description LOW PROFILE SHIELDED SMD POWER INDUCTORS

ASPI-104S-680 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASPI-104S-680 Datasheet PDF - Abracon Corporation

Part # ASPI-104S-680
Download  ASPI-104S-680 Click to download

File Size   112.92 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description LOW PROFILE SHIELDED SMD POWER INDUCTORS

ASPI-104S-680 Datasheet (HTML) - Abracon Corporation


ASPI-104S-680 Product details

LOW PROFILE SHIELDED SMD POWER INDUCTORS

NOTES:
1. Inductance (L) measured @ 100 KHz, 0.1VRMS
2. Inductance (L) tolerance: J = 5%, K = 10%, M = 20%
3. Operating temperature: -40°C to 85°C
4. Inductance drops by 10%
5. Dimensions: inches / mm; see spec sheet for tolerance limits
6. Specifications subject to change without notice




Similar Part No. - ASPI-104S-680

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1040HI ABRACON-ASPI-1040HI Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
ASPI-1040HI-100 ABRACON-ASPI-1040HI-100 Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
ASPI-1040HI-1R0 ABRACON-ASPI-1040HI-1R0 Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
ASPI-1040HI-4R7 ABRACON-ASPI-1040HI-4R7 Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
ASPI-1040HI-R16 ABRACON-ASPI-1040HI-R16 Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
More results


Similar Description - ASPI-104S-680

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Abracon Corporation
ASPI104S ABRACON-ASPI104S Datasheet
713Kb / 2P
LOW PROFILE SHIELDED SMD POWER INDUCTORS
02.22.11
logo
Eaton All Rights Reserv...
SD53 EATON-SD53 Datasheet
385Kb / 4P
Low profile shielded power inductors
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com