Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4BS Datasheet (PDF) - Omron Electronics LLC

D4BS Datasheet PDF - Omron Electronics LLC
Part # D4BS
Download  D4BS Download
File Size   207.71 Kbytes
Page   9 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Safety-door Switch

D4BS Datasheet (PDF)

Go To PDF Page Download Datasheet
D4BS Datasheet PDF - Omron Electronics LLC

Part # D4BS
Download  D4BS Click to download

File Size   207.71 Kbytes
Page   9 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Safety-door Switch

D4BS Datasheet (HTML) - Omron Electronics LLC


D4BS Product details

The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts and Shut Off Control Circuits when Protective Doors Are Opened on Machine Tools or Other Equipment

• Conforms to EN (TÜV) standards corresponding to the CE marking.
• Certified by UL and CSA standards.
• The Switch contact is opened by a direct opening mechanism (NC contacts only) when the protective cover is opened. The EN-certified direct opening mechanism is indicated by -> on the Switch.
• Malfunctions and false operation prevented by special Operation Key.
• Wide temperature range specifications: −40 to 80°C.
• Degree of protection of the switch box: IP67 (EN60947-5-1).
• Series includes models with gold-plated contacts for handling the microload range.




Similar Part No. - D4BS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS-15FS OMRON-D4BS-15FS Datasheet
1Mb / 9P
The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
D4BS-1AFS OMRON-D4BS-1AFS Datasheet
1Mb / 9P
The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
D4BS-25FS OMRON-D4BS-25FS Datasheet
1Mb / 9P
The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
D4BS-2AFS OMRON-D4BS-2AFS Datasheet
1Mb / 9P
The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
D4BS-35FS OMRON-D4BS-35FS Datasheet
1Mb / 9P
The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
More results


Similar Description - D4BS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
Safety-Door Switch
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
Door Interlock Switch
D3D OMRON-D3D Datasheet
781Kb / 6P
Miniature Door Switch
D3DC OMRON-D3DC Datasheet
529Kb / 6P
Miniature Door Switch
D4NL OMRON-D4NL Datasheet
2Mb / 18P
Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
EK SERIES SAFETY DOOR SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com