Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD Datasheet (PDF) - Abracon Corporation

ALD Datasheet PDF - Abracon Corporation
Part # ALD
Download  ALD Download
File Size   312.81 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CERAMIC SMD CRYSTAL CLOCK OSCILLATOR

ALD Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD Datasheet PDF - Abracon Corporation

Part # ALD
Download  ALD Click to download

File Size   312.81 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CERAMIC SMD CRYSTAL CLOCK OSCILLATOR

ALD Datasheet (HTML) - Abracon Corporation


ALD Product details

FEATURES:
• Based on a proprietary digital multiplier
• Tri-State Output
• Low Phase Jitter
• 156.25MHz, 187.5MHz, and 212.5MHz applications
• 2.5V to 3.3V +/- 5% operation
• Ceramic SMD, low profile package

APPLICATIONS:
• SONET, xDSL
• SDH, CPE
• STB




Similar Part No. - ALD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALD ABRACON-ALD Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
logo
CINCON ELECTRONICS Corp...
ALD CINCON-ALD Datasheet
1Mb / 2P
50.4 WATT BUCK LED DRIVER with DALI
logo
Ashcroft, Inc.
ALD ASHCROFT-ALD Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
logo
TDK Electronics
ALD-310012PJ125 TDK-ALD-310012PJ125 Datasheet
644Kb / 4P
DC-DC Converter for LC Panels with LED Backlights
ALD-414012PJ126 TDK-ALD-414012PJ126 Datasheet
596Kb / 4P
DC-DC Converter for LC Panels with LED Backlights
More results


Similar Description - ALD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABFM ABRACON-ABFM Datasheet
458Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
07.05.07
ABNM ABRACON-ABNM Datasheet
292Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ABVFM ABRACON-ABVFM Datasheet
1Mb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ALVD ABRACON-ALVD Datasheet
171Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
07.11.07
ASPE ABRACON-ASPE Datasheet
267Kb / 1P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
APV ABRACON-APV Datasheet
755Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ABFM ABRACON-ABFM_08 Datasheet
469Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
04.09.08
ALD ABRACON-ALD_2 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ASF1 ABRACON-ASF1_08 Datasheet
193Kb / 2P
5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR
1.4.08
ASE6_SERIES ABRACON-ASE6_SERIES Datasheet
1Mb / 2P
SMD Crystal Clock Oscillator
03.06.14
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com