Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM Datasheet (PDF) - Abracon Corporation

ASM Datasheet PDF - Abracon Corporation
Part # ASM
Download  ASM Download
File Size   528.97 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CRYSTAL CLOCK OSCILLATORS

ASM Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM Datasheet PDF - Abracon Corporation

Part # ASM
Download  ASM Click to download

File Size   528.97 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CRYSTAL CLOCK OSCILLATORS

ASM Datasheet (HTML) - Abracon Corporation


ASM Product details

FEATURES:
• Industry standard J-leaded terminals.
• Plastic molded SMD.
• HCMOS and TTL compatible.
• Tristate Enable /Disable.
• Extended temperature -40°C to +85°C option.

APPLICATIONS:
• Wide range of applications in dialing communication equipment, AV / OA equipment, Measuring equipment.




Similar Part No. - ASM

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
ASM-010 TALEMA-ASM-010 Datasheet
47Kb / 1P
Current Sensor for 50/60 Hz
logo
Astrodyne Corporation
ASM-0100 ASTRODYNE-ASM-0100 Datasheet
735Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
ASM-0100 ASTRODYNE-ASM-0100 Datasheet
702Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
ASM-0101 ASTRODYNE-ASM-0101 Datasheet
735Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
ASM-0101 ASTRODYNE-ASM-0101 Datasheet
702Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
More results


Similar Description - ASM

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com