Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA22590 Datasheet (PDF) - Infineon Technologies AG

TDA22590 Datasheet PDF - Infineon Technologies AG
Part # TDA22590
Download  TDA22590 Download
File Size   140.62 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptimosTM Powerstage

TDA22590 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA22590 Datasheet PDF - Infineon Technologies AG

Part # TDA22590
Download  TDA22590 Click to download

File Size   140.62 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptimosTM Powerstage

TDA22590 Datasheet (HTML) - Infineon Technologies AG


TDA22590 Product details

Features
• Integrated driver, Schottky diode, control MOSFET Q1 and synchronous MOSFET Q2
• On-chip MOSFET Current sensing and reporting at 5 μA/A.
• Input voltage (VIN) range of 4.25 V to 16 V
• VCC and VDRV supply of 4.5 V to 5.5 V
• Output voltage range from 0.225 V up to 5.5 V at VIN = 12 V
• Output current capability of 90 A
• Operation up to 2 MHz
• VDRV under voltage lockout (UVLO)
• Bootstrap under-voltage protection
• 8mV / °C temperature analog output
• Over temperature protection and thermal shutdown
• Cycle-by-cycle over current Protection (OCP) and flag
• Control MOSFET short (HSS) detection and flag
• Auto-replenishment on bootstrap capacitor
• Compatible with 3.3 V tri-state PWM Input
• Body-Braking™ load transient support
• DEEP SLEEP mode for power saving via EN= low (32 μA typ)
• Lead free RoHS compliant package
• Small 4 mm x 6 mm x 0.465 mm CE (Chip Embedded) package




Similar Part No. - TDA22590

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA22590 INFINEON-TDA22590  Datasheet
140Kb / 2P
TDA22590
Rev 2.0, 2022-12-08
TDA22590XUMA1 INFINEON-TDA22590XUMA1 Datasheet
140Kb / 2P
TDA22590
Rev 2.0, 2022-12-08
More results


Similar Description - TDA22590

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3620S FAIRCHILD-FDMS3620S Datasheet
374Kb / 12P
PowerTrench짰 PowerStage 25V Asymmetric Dual N-Channel MOSFET
logo
Infineon Technologies A...
BSC014N06NS INFINEON-BSC014N06NS_13 Datasheet
556Kb / 10P
OptiMOSTM Power-Transistor
Rev.2.1 2013-01-29
BSC009NE2LS INFINEON-BSC009NE2LS Datasheet
738Kb / 10P
OptiMOSTM Power-MOSFET
Rev. 2.3 2013-04-26
BSB013NE2LXI INFINEON-BSB013NE2LXI_13 Datasheet
609Kb / 11P
OptiMOSTM Power-MOSFET
Rev. 2.4 2013-02-12
BSC050NE2LS INFINEON-BSC050NE2LS_13 Datasheet
835Kb / 10P
OptiMOSTM Power-MOSFET
Rev. 2.3 2013-04-29
BSC032NE2LS INFINEON-BSC032NE2LS_13 Datasheet
761Kb / 10P
OptiMOSTM Power-MOSFET
Rev. 2.2 2013-04-29
IPB026N06N INFINEON-IPB026N06N Datasheet
606Kb / 9P
OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
IPD053N06N INFINEON-IPD053N06N Datasheet
498Kb / 9P
OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
BSZ0910ND INFINEON-BSZ0910ND Datasheet
1Mb / 11P
PowerStage 3x3
Rev.2.0,2017-11-23
TDA21472 INFINEON-TDA21472 Datasheet
559Kb / 4P
TDA21472 OptiMOS??Powerstage DC-DC converter voltage regulator
V 1.0 2019-07-17
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com