Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2Y3A002K0F Datasheet (PDF) - Sharp Corporation

GP2Y3A002K0F Datasheet PDF - Sharp Corporation
Part # GP2Y3A002K0F
Download  GP2Y3A002K0F Download
File Size   258.21 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Optoelectronic Device

GP2Y3A002K0F Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2Y3A002K0F Datasheet PDF - Sharp Corporation

Part # GP2Y3A002K0F
Download  GP2Y3A002K0F Click to download

File Size   258.21 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Optoelectronic Device

GP2Y3A002K0F Datasheet (HTML) - Sharp Corporation


GP2Y3A002K0F Product details

■ Description
GP2Y3A002K0F is a distance measuring sensor unit, composed of an integrated combination of PSD (position sensitive detector) , 5-IREDs (infrared emitting diode) and signal processing circuit.
The variety of the reflectivity of the object, the environmental temperature and the operating duration are not influenced easily to the distance detection because of adopting the triangulation method.
This device uses 5 infrared beams for wide range (field of view) detection. This device outputs the 5 voltages corresponding to the each distance detection.

■ Features
1. Middle range type
    Measuring distance range : 20 to 150 cm
2. 5 Analog outputs type
3. Package size : 40×20×18 mm
4. Consumption current : Typ. 30 mA
5. Supply voltage : 4.5 to 5.5 V
6. Detection angle : 25°

■ Applications
1. Robot cleaner
2. Vending machine
3. ATM/CD
4. Fun heater
5. Amusement equipment
(Robot, Arcade game machine)

■ Applications
1. Robot cleaner
2. Vending machine
3. ATM/CD
4. Fun heater
5. Amusement equipment (Robot, Arcade game machine)




Similar Part No. - GP2Y3A002K0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y3A002K0F SHARP-GP2Y3A002K0F_06 Datasheet
435Kb / 9P
Wide angle Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm 5 Analog outputs type
More results


Similar Description - GP2Y3A002K0F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCSS111 ETC1-TCSS111 Datasheet
300Kb / 6P
Optoelectronic Interrupter with Schmitt-Trigger Output Logic
logo
National Semiconductor ...
DP83241 NSC-DP83241 Datasheet
258Kb / 20P
CDD Device (FDDI Clock Distribution Device)
logo
Allegro MicroSystems
3390 ALLEGRO-3390 Datasheet
261Kb / 3P
OPTOELECTRONIC SWITCH - TWILIGHT SENSOR
logo
National Semiconductor ...
DP83231 NSC-DP83231 Datasheet
209Kb / 16P
CRD Device (FDDI Clock Recovery Device)
logo
Sharp Corporation
GP2Y3A001K0F SHARP-GP2Y3A001K0F Datasheet
237Kb / 9P
Optoelectronic Device
GP2Y3A003K0F SHARP-GP2Y3A003K0F Datasheet
277Kb / 10P
Optoelectronic Device
logo
TriQuint Semiconductor
TQ8223 TRIQUINT-TQ8223 Datasheet
580Kb / 5P
Device Qualification
logo
New Jersey Semi-Conduct...
4N25 NJSEMI-4N25 Datasheet
101Kb / 1P
Optically-Coupled Isolator Optoelectronic Products
logo
SparkFun Electronics
BOK-11131 SPARKFUN-BOK-11131 Datasheet
108Kb / 2P
Timer, OpAmp & Optoelectronic Circuits & Projects
6??1??7
logo
Guangdong Youtai Semico...
LTV-356T UMW-LTV-356T Datasheet
862Kb / 6P
SummaryLTV-356T is a small shape chip optoelectronic couplingdevice, suitable for surface mount production
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com