Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHP35 Datasheet (PDF) - Bi technologies

MHP35 Datasheet PDF - Bi technologies
Part # MHP35
Download  MHP35 Download
File Size   845.58 Kbytes
Page   2 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description 35W TO-220 HIGH POWER RESISTORS

MHP35 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHP35 Datasheet PDF - Bi technologies

Part # MHP35
Download  MHP35 Click to download

File Size   845.58 Kbytes
Page   2 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description 35W TO-220 HIGH POWER RESISTORS

MHP35 Datasheet (HTML) - Bi technologies




Similar Part No. - MHP35

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MHP35 TTELEC-MHP35 Datasheet
478Kb / 6P
High stability film resistance elements
MHP35 TTELEC-MHP35 Datasheet
461Kb / 6P
High Power Resistors
07. 13
MHP35100F TTELEC-MHP35100F Datasheet
461Kb / 6P
High Power Resistors
07. 13
MHP35 TTELEC-MHP35_V01 Datasheet
461Kb / 6P
High Power Resistors
07. 13
More results


Similar Description - MHP35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHP20 ETC1-MHP20 Datasheet
846Kb / 2P
20W TO-220 HIGH POWER RESISTORS
logo
DB Lectro Inc
RNP20S DBLECTRO-RNP20S Datasheet
264Kb / 2P
TO220 35W HIGH POWER RESISTORS
logo
Bi technologies
MHP50 BITECH-MHP50 Datasheet
1Mb / 2P
50W TO-220 HIGH POWER RESISTORS
logo
Token Electronics Indus...
RMG20DTD0R1 TOKEN-RMG20DTD0R1 Datasheet
380Kb / 3P
RMG20 TO-220 Power Resistors
logo
Riedon Powertron
PF2200 RIEDON-PF2200 Datasheet
238Kb / 2P
TO-220 Power Film Resistors
PF2200 RIEDON-PF2200_11 Datasheet
246Kb / 2P
TO-220 Power Film Resistors
logo
List of Unclassifed Man...
AP821 ETC2-AP821 Datasheet
195Kb / 2P
20 Watts TO-220 High Power Resistors
AP836 ETC2-AP836 Datasheet
205Kb / 2P
35 Watts TO-220 High Power Resistors
logo
Riedon Powertron
PF2203-5R6F1 RIEDON-PF2203-5R6F1 Datasheet
189Kb / 3P
TO-220 Power Thin Film Resistors
logo
Ohmite Mfg. Co.
AP836 OHMITE-AP836 Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
More results




About Bi technologies


BI Technologies, now known as TT Electronics, is a company that specializes in the design and manufacture of a wide range of electronic components and systems. The company was founded in 1965 and is based in the United Kingdom, with operations around the world.

BI Technologies offers a broad range of products, including resistors, capacitors, magnetics, and sensors, which are used in a variety of industries, including aerospace, defense, medical, and industrial markets. The company's products are known for their quality, reliability, and performance, and are used in a range of applications, including power management, control systems, and signal conditioning.

In addition to its product offerings, BI Technologies also provides design and manufacturing services, including custom product design, prototyping, and testing. The company has a strong focus on research and development, and is committed to providing innovative solutions that meet the evolving needs of its customers.

In 2017, BI Technologies was acquired by TT Electronics, a global provider of engineered electronics for performance-critical applications. Today, BI Technologies continues to operate as a division of TT Electronics, providing a wide range of high-quality electronic components and systems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com