Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35FS4500 Datasheet (PDF) - NXP Semiconductors

35FS4500 Datasheet PDF - NXP Semiconductors
Part # 35FS4500_V01
Download  35FS4500 Download
File Size   1933.11 Kbytes
Page   139 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Grade 0 safety power system basis chip with CAN FD transceiver

35FS4500 Datasheet (PDF)

Go To PDF Page Download Datasheet
35FS4500 Datasheet PDF - NXP Semiconductors

Part # 35FS4500_V01
Download  35FS4500 Click to download

File Size   1933.11 Kbytes
Page   139 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Grade 0 safety power system basis chip with CAN FD transceiver

35FS4500 Datasheet (HTML) - NXP Semiconductors


35FS4500 Product details

Features and benefits
• Battery voltage sensing and MUX output pin
• Highly flexible SMPS pre-regulator, allowing two topologies: non-inverting buck-boost and standard buck
• Family of devices to supply MCU core from 1.0 V to 5.0 V, with SMPS (0.8 A or 1.5 A) or LDO (0.5 A)
• Linear voltage regulator dedicated to auxiliary functions, or to sensor supply (VCCA tracker or independent),
5.0 V, or 3.3 V
• Linear voltage regulator dedicated to MCU Analog/Digital (A/D) reference voltage or I/Os supply (VCCA), 5.0 V,
or 3.3 V
• 3.3 V keep alive memory supply available in low-power mode
• Long duration timer, counting up to 6 months with 1.0 s resolution
• Multiple wake-up sources in low-power mode: CAN, IOs, LDT
• Five configurable I/Os

Applications
• TA up to 150 °C and TJ up to 175 °C
• Drive Train Electrification (BMS, Hybrid EV and HEV, Inverter, DC-DC, Alterno Starter)
• Drive Train - Chassis and Safety (Active Suspension, Steering, Safety Domain Gateway)
• Power Train (EMS, TCU, Gear Box)
• ADAS (LDW, Radar, Sensor Fusion Safety area)
• On board charger
• Motor control




Similar Part No. - 35FS4500_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
35FS4500 NXP-35FS4500 Datasheet
1,000Kb / 19P
Grade 0 safety power system basis chip with CAN flexible data transceiver
Rev.1.0 - 15 December2017
More results


Similar Description - 35FS4500_V01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
System Basis Chip With High Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
System Basis Chip with High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
System Basis Chip with High-Speed CAN Transceiver
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Infineon Technologies A...
TLE9278BQXV33 INFINEON-TLE9278BQXV33 Datasheet
3Mb / 126P
Multi-CAN Power System Basis Chip
Rev. 1.5 2019-09-27
logo
NXP Semiconductors
FS6500 NXP-FS6500 Datasheet
740Kb / 20P
Safety Power System Basis Chip with CAN FD and LIN
Rev.1.0-14 December 2017
logo
ON Semiconductor
NCV7450 ONSEMI-NCV7450 Datasheet
319Kb / 18P
System Basis Chip with CAN FD, LDO Regulator and HS Driver
November, 2019 ??Rev. 1
logo
NXP Semiconductors
35FS4500 NXP-35FS4500 Datasheet
1,000Kb / 19P
Grade 0 safety power system basis chip with CAN flexible data transceiver
Rev.1.0 - 15 December2017
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com