Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX32650 Datasheet (PDF) - Maxim Integrated Products

MAX32650 Datasheet PDF - Maxim Integrated Products
Part # MAX32650
Download  MAX32650 Download
File Size   441.47 Kbytes
Page   62 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low-Power Arm Cortex-M4 Processor with FPU-Based Microcontroller (MCU) with 3MB Flash and 1MB SRAM

MAX32650 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX32650 Datasheet PDF - Maxim Integrated Products

Part # MAX32650
Download  MAX32650 Click to download

File Size   441.47 Kbytes
Page   62 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low-Power Arm Cortex-M4 Processor with FPU-Based Microcontroller (MCU) with 3MB Flash and 1MB SRAM

MAX32650 Datasheet (HTML) - Maxim Integrated Products


MAX32650 Product details

General Description
DARWIN is a new breed of low-power microcontrollers
built to thrive in the rapidly evolving Internet of Things
(IoT). They are smart, with the biggest memories in their
class and a massively scalable memory architecture. They
run forever, thanks to wearable-grade power technology.
They are also tough enough to withstand the most advanced
cyberattacks. DARWIN microcontrollers are designed
to run any application you can imagine—in places
where you wouldn’t dream of sending other microcontrollers.
Generation UP microcontrollers are designed to handle
the increasingly complex applications demanded by today’s
advanced battery-powered devices and wireless
sensors. The MAX32650–MAX32652 are ultra-low-power
memory-scalable microcontrollers designed specifically
for high-performance, battery-powered applications. They
are based on an Arm® Cortex®-M4 with FPU CPU with
3MB flash and 1MB SRAM. Memory scalability is supported
with multiple memory-expansion interfaces, including a
HyperBus™/Xccela™ DDR interface and two SPI execute
in place (SPIx) interfaces. A secure digital interface supports
external high-speed memory cards, including SD,
SDIO, MMC, SDHC, and microSD™.
Power-management features provide five low-power
modes for clock, peripheral, and voltage control. Individual
SRAM banks of 32KB, 96KB, or 1024KB (full retention)
can be retained with reduced power consumption. A
SmartDMA performs complex background processing
while the CPU is off to dramatically reduce overall power
consumption.
The MAX32651 is a secure version with a trust protection
unit (TPU) which provides a modular arithmetic accelerator
(MAA) for fast ECDSA, an AES engine, TRNG,
SHA-256 hash, and secure bootloader. A memory decryption
integrity unit (MDIU) provides on-the-fly data decryption
(plain or executable) stored in external flash.
The MAX32652 is packaged in a high-density, 0.35mm
pitch, 140-bump WLP targeted for tiny form factor products
that require high I/O counts.

Applications
● Sports Watches, Fitness Monitors
● Wearable Medical Patches, Portable Medical Devices
● Industrial Sensors, IoT

Benefits and Features
● Ultra-Efficient Microcontroller for Battery-Powered
Applications
• 120MHz Arm Cortex-M4 Processor with FPU
• SmartDMA Provides Background Memory
Transfers with Programmable Data Processing
• 120MHz High-Speed and 50MHz Low-Power
Oscillators
• 7.3728MHz Low-Power Oscillators
• 32.768kHz and RTC Clock (Requires External
Crystal)
• 8kHz, Always-On, Ultra-Low-Power Oscillator
• 3MB Internal Flash, 1MB Internal SRAM
• 104μW/MHz Executing from Cache at 1.1V
• Five Low-Power Modes: Active, Sleep, Background,
Deep Sleep, and Backup
• 1.8V and 3.3V I/O with No Level Translators
● Scalable Cached External Memory Interfaces:
• 120MB/s HyperBus/Xccela DDR Interface
• SPIXF/SPIXR for External Flash/RAM Expansion
• 240Mbps SDHC/eMMC/SDIO/microSD Interface
● Optimal Peripheral Mix Provides Platform Scalability
• 16-Channel DMA
• Three SPI Master (60MHz)/Slave (48MHz)
• One QuadSPI Master (60MHz)/Slave (48MHz)
• Up to Three 4Mbaud UARTs with Flow Control
• Two 1MHz I2C Master/Slave
• I2S Slave
• Four-Channel, 7.8ksps, 10-Bit Delta-Sigma ADC
• USB 2.0 Hi-Speed Device Interface with PHY
• 16 Pulse Train Generators
• Six 32-Bit Timers with 8mA High Drive
• 1-Wire® Master
● Trust Protection Unit (TPU) for IP/Data Security
• Modular Arithmetic Accelerator (MAA), True
Random Number Generator (TRNG)
• Secure Nonvolatile Key Storage, SHA-256,
AES-128/192/256
• Memory Decryption Integrity Unit, Secure Boot
ROM




Similar Part No. - MAX32650

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32650 MAXIM-MAX32650 Datasheet
1Mb / 17P
MAX32650 Evaluation Kit
Rev 3; 3/18
MAX32650 MAXIM-MAX32650 Datasheet
1Mb / 16P
Evaluation Kits
Rev 8; 4/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
Evaluation Kits
Rev 8; 4/21
MAX32650-EVKIT# MAXIM-MAX32650-EVKIT# Datasheet
1Mb / 16P
Evaluation Kits
Rev 8; 4/21
MAX32650EVKIT MAXIM-MAX32650EVKIT Datasheet
1Mb / 17P
MAX32650 Evaluation Kit
Rev 3; 3/18
More results


Similar Description - MAX32650

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F415XX STMICROELECTRONICS-STM32F415XX Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
04-Jun-2013
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32F415ZGT6 STMICROELECTRONICS-STM32F415ZGT6 Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
04-Jun-2013
logo
List of Unclassifed Man...
MK02FN128VLH10 ETC2-MK02FN128VLH10 Datasheet
875Kb / 56P
100 MHz Cortex-M4 Based Microcontroller with FPU
logo
Maxim Integrated Produc...
MAX32660 MAXIM-MAX32660 Datasheet
604Kb / 25P
Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
Rev 1; 4/18
logo
NXP Semiconductors
KV4XP100M168 NXP-KV4XP100M168 Datasheet
773Kb / 63P
168 MHz ARM Cortex-M4 core based Microcontroller with FPU
Rev. 3, 06/2016
logo
Maxim Integrated Produc...
MAX32660 MAXIM-MAX32660_V01 Datasheet
404Kb / 25P
Tiny, Ultra-Low-Power Arm Cortex-M4 Processor with FPU-Based Microcontroller (MCU) with 256KB Flash and 96KB SRAM
2019
MAX32666 MAXIM-MAX32666 Datasheet
361Kb / 45P
Low-Power Arm Cortex-M4 with FPU-Based Microcontroller with Bluetooth 5 for Wearables
2021
logo
Analog Devices
MAX32662 AD-MAX32662 Datasheet
1Mb / 80P
Arm Cortex-M4 Processor with FPU-Based Microcontroller (MCU) with 256KB Flash and 80KB SRAM
Rev 0; 1/23
logo
NXP Semiconductors
K22P121M120SF7 NXP-K22P121M120SF7_V01 Datasheet
1Mb / 87P
Kinetis K22F 512KB Flash 120 MHz Arm® Cortex®-M4 Based Microcontroller with FPU
Rev. 8 06/2023
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com