Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52832-QFAA-R Datasheet (PDF) - Nordic Semiconductor

NRF52832-QFAA-R Datasheet PDF - Nordic Semiconductor
Part # NRF52832-QFAA-R
Download  NRF52832-QFAA-R Download
File Size   5053.5 Kbytes
Page   553 Pages
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor
Description nRF52832 Product Specification v1.4

NRF52832-QFAA-R Datasheet (PDF)

Go To PDF Page Download Datasheet
NRF52832-QFAA-R Datasheet PDF - Nordic Semiconductor

Part # NRF52832-QFAA-R
Download  NRF52832-QFAA-R Click to download

File Size   5053.5 Kbytes
Page   553 Pages
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor
Description nRF52832 Product Specification v1.4

NRF52832-QFAA-R Datasheet (HTML) - Nordic Semiconductor


NRF52832-QFAA-R Product details

Key features
• 2.4 GHz transceiver
• -96 dBm sensitivity in Bluetooth® low energy mode
• Supported data rates: 1 Mbps, 2 Mbps Bluetooth® low energy mode
• -20 to +4 dBm TX power, configurable in 4 dB steps
• On-chip balun (single-ended RF)
• 5.3 mA peak current in TX (0 dBm)
• 5.4 mA peak current in RX
• RSSI (1 dB resolution)
• ARM® Cortex®-M4 32-bit processor with FPU, 64 MHz
• 215 EEMBC CoreMark® score running from flash memory
• 58 μA/MHz running from flash memory
• 51.6 μA/MHz running from RAM
• Data watchpoint and trace (DWT), embedded trace macrocell (ETM), and
instrumentation trace macrocell (ITM)
• Serial wire debug (SWD)
• Trace port
• Flexible power management
• 1.7 V–3.6 V supply voltage range
• Fully automatic LDO and DC/DC regulator system
• Fast wake-up using 64 MHz internal oscillator
• 0.3 μA at 3 V in System OFF mode
• 0.7 μA at 3 V in System OFF mode with full 64 kB RAM retention
• 1.9 μA at 3 V in System ON mode, no RAM retention, wake on RTC
• Memory
• 512 kB flash/64 kB RAM
• 256 kB flash/32 kB RAM
• Nordic SoftDevice ready
• Support for concurrent multi-protocol
• Type 2 near field communication (NFC-A) tag with wakeup-on-field and touchto-
pair capabilities
• 12-bit, 200 ksps ADC - 8 configurable channels with programmable gain
• 64 level comparator
• 15 level low power comparator with wakeup from System OFF mode
• Temperature sensor
• 32 general purpose I/O pins
• 3x 4-channel pulse width modulator (PWM) unit with EasyDMA
• Digital microphone interface (PDM)
• 5x 32-bit timer with counter mode
• Up to 3x SPI master/slave with EasyDMA
• Up to 2x I2C compatible 2-wire master/slave
• I2S with EasyDMA
• UART (CTS/RTS) with EasyDMA
• Programmable peripheral interconnect (PPI)
• Quadrature decoder (QDEC)
• AES HW encryption with EasyDMA
• Autonomous peripheral operation without CPU intervention using PPI and
EasyDMA
• 3x real-time counter (RTC)
• Single crystal operation
• Package variants
• QFN48 package, 6 × 6 mm
• WLCSP package, 3.0 × 3.2 mm

Applications
• Internet of Things (IoT)
• Home automation
• Sensor networks
• Building automation
• Industrial
• Retail
•
Personal area networks
• Health/fitness sensor and monitor devices
• Medical devices
• Key fobs and wrist watches
•
Interactive entertainment devices
• Remote controls
• Gaming controllers
•
Beacons
•
A4WP wireless chargers and devices
•
Remote control toys
•
Computer peripherals and I/O devices
• Mouse
• Keyboard
• Multi-touch trackpad
• Gaming
and




Similar Part No. - NRF52832-QFAA-R

ManufacturerPart #DatasheetDescription
logo
Nordic Semiconductor
NRF52832-QFAA-R NORDIC-NRF52832-QFAA-R Datasheet
230Kb / 2P
Multiprotocol Bluetooth low energy (Bluetooth 5), ANT/ANT and 2.4GHz proprietary System-on-Chip
Version 1.7
More results


Similar Description - NRF52832-QFAA-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D10040200GT ETC1-D10040200GT Datasheet
126Kb / 4P
Product Specification
logo
GOOD-ARK Electronics
SMBRB3045S GOOD-ARK-SMBRB3045S_15 Datasheet
600Kb / 7P
Product Specification
MUR1020 GOOD-ARK-MUR1020 Datasheet
330Kb / 7P
Product Specification
MUR2040FCT GOOD-ARK-MUR2040FCT Datasheet
453Kb / 7P
Product Specification
MBRF20150CT GOOD-ARK-MBRF20150CT Datasheet
327Kb / 6P
Product Specification
MBRF10200CT GOOD-ARK-MBRF10200CT Datasheet
340Kb / 6P
Product Specification
MBR1060 GOOD-ARK-MBR1060 Datasheet
348Kb / 7P
Product Specification
MURB1060CT GOOD-ARK-MURB1060CT Datasheet
517Kb / 7P
Product Specification
MBR860 GOOD-ARK-MBR860 Datasheet
348Kb / 7P
Product Specification
logo
Tontek Design Technolog...
TT6061BB TONTEK-TT6061BB Datasheet
64Kb / 5P
PRODUCT SPECIFICATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com