Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4601AHV Datasheet (PDF) - Linear Technology

LTM4601AHV Datasheet PDF - Linear Technology
Part # LTM4601AHV
Download  LTM4601AHV Download
File Size   637.56 Kbytes
Page   30 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator

LTM4601AHV Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4601AHV Datasheet PDF - Linear Technology

Part # LTM4601AHV
Download  LTM4601AHV Click to download

File Size   637.56 Kbytes
Page   30 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator

LTM4601AHV Datasheet (HTML) - Linear Technology


LTM4601AHV Product details

FEATURES
n Complete Low EMI Switch Mode Power Supply
n EN55022 Class B Compliant
n Wide Input Voltage Range: 5V to 36V
n 8A Output Current
n 3.3V to 15V Output Voltage Range
n Low Input and Output Referred Noise
n Output Voltage Tracking and Margining
n PLL Frequency Synchronization
n 2% Maximum Total DC Error
n Power Good Tracks with Margining
n Current Foldback Protection
n Parallel/Current Sharing
n Ultrafast Transient Response
n Current Mode Control
n Programmable Soft-Start
n Output Overvoltage Protection
n –55°C to 125°C Operating Temperature Range
(LTM4613MPV, LTM4613MPY)
n 15mm × 15mm × 4.32mm LGA and
15mm × 15mm × 4.92mm BGA Packages
n SnPb (BGA) or RoHS Compliant (LGA and BGA) Finish

APPLICATIONS
n Telecom and Networking Equipment
n Industrial and Avionic Equipment
n RF Systems




Similar Part No. - LTM4601AHV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601AHVEV-PBF LINER-LTM4601AHVEV-PBF Datasheet
356Kb / 28P
12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601AHVIV-PBF LINER-LTM4601AHVIV-PBF Datasheet
356Kb / 28P
12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601AHVMPV LINER-LTM4601AHVMPV Datasheet
356Kb / 28P
12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601AHVMPV-PBF LINER-LTM4601AHVMPV-PBF Datasheet
356Kb / 28P
12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
More results


Similar Description - LTM4601AHV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4612 LINER-LTM4612 Datasheet
369Kb / 24P
Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
LTM4612 LINER-LTM4612_1 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4612 LINER-LTM4612_15 Datasheet
529Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM4613 LINER-LTM4613_15 Datasheet
520Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
LTM4651 LINER-LTM4651 Datasheet
1Mb / 34P
EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTP8803-1A AD-LTP8803-1A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
150A DC/DC μModule Regulator with PMBus Interface
Rev. B
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com