Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR602 Datasheet (PDF) - Infineon Technologies AG

BCR602 Datasheet PDF - Infineon Technologies AG
Part # BCR602
Download  BCR602 Download
File Size   472.26 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description BCR602 hot plug IC with dimming

BCR602 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR602 Datasheet PDF - Infineon Technologies AG

Part # BCR602
Download  BCR602 Click to download

File Size   472.26 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description BCR602 hot plug IC with dimming

BCR602 Datasheet (HTML) - Infineon Technologies AG


BCR602 Product details

Features
• Supply voltage 8 V to 60 V,
• Supports use of NPN bipolar transistors and NMOS MOSFETS,
• AC supply voltage ripple suppression,
• Dimming at pin MFIO
- 3% analog dimming of LED current by resistor Rset or DC voltage,
- 1% PWM dimming of LED current by PWM signals,
• Rset functionality at pin MFIO,
• LED current precision ±3%.




Similar Part No. - BCR602

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR601 INFINEON-BCR601 Datasheet
376Kb / 16P
BCR601 hot plug IC with voltage feedback to primary side
Revision 1.1 2018-12-3
BCR601XUMA1 INFINEON-BCR601XUMA1 Datasheet
376Kb / 16P
BCR601 hot plug IC with voltage feedback to primary side
Revision 1.1 2018-12-3
More results


Similar Description - BCR602

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
DIMMING BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5631 PTC-PT5631 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
PT5611 PTC-PT5611_10 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
logo
International Rectifier
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com