Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP312 Datasheet (PDF) - List of Unclassifed Manufacturers

MP312 Datasheet PDF - List of Unclassifed Manufacturers
Part # MP312
Download  MP312 Download
File Size   107.77 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Power Film Resistors

MP312 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP312 Datasheet PDF - List of Unclassifed Manufacturers

Part # MP312
Download  MP312 Click to download

File Size   107.77 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Power Film Resistors

MP312 Datasheet (HTML) - List of Unclassifed Manufacturers


MP312 Product details

[CADKDOC ELECTRONICS, LTD.]

Chassis Mounted Precision Power Film Resistors with Center Screw Mounting

Type MP Chassis Mounted Power Film Resistors are made with Micronox® resistance films fired onto a ceramic substrate which is thermally bonded to an anodized aluminum base. By mounting this assembly directly to a metal surface for improved heat transfer, the high power capabilities of these unique resistors can provide increased packaging densities in many types of electronic equipment.

The special performance features of these Type MP Chassis Mounted Power Film Resistors include:

• Two case sizes that provide 15 Watt and 30 Watt ratings.
• Operation up to 275°C.
• Single screw mounting to simplify attachment to the chassis or other heat conducting surface.
• A molded silicone case that encapsulates the resistor assembly to meet stringent environmental specifications.
• Extended life stability better than 0.01% per 1,000 hours has been demonstrated through a 51/2 year, 50,000 hour program of continuous load life testing.




Similar Part No. - MP312

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
MP3120 MPS-MP3120 Datasheet
762Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
6/30/2017 Rev. 1.0
MP3120DJ MPS-MP3120DJ Datasheet
712Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
MP3120DJ MPS-MP3120DJ Datasheet
762Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
6/30/2017 Rev. 1.0
MP3120DJ-LF-P MPS-MP3120DJ-LF-P Datasheet
762Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
6/30/2017 Rev. 1.0
More results


Similar Description - MP312

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS126 ETC2-MS126 Datasheet
233Kb / 2P
Power Film Resistors
logo
Riedon Powertron
NPR2-T126 RIEDON-NPR2-T126 Datasheet
293Kb / 2P
Power Film Resistors
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
105Kb / 3P
Thin Film Power Resistors
29-Apr-15
logo
Riedon Powertron
PFS35 RIEDON-PFS35 Datasheet
204Kb / 2P
Power SMD Film Resistors
logo
List of Unclassifed Man...
TNP10 ETC2-TNP10 Datasheet
1Mb / 2P
Power Thin film Resistors
TNP10S ETC2-TNP10S Datasheet
1Mb / 2P
Power Thun Film Resistors
TNP50S ETC2-TNP50S Datasheet
1Mb / 2P
Power Thun Film Resistors
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
80Kb / 3P
Thin Film Power Resistors
29-Apr-15
logo
Riedon Powertron
PFS35-0R01J1 RIEDON-PFS35-0R01J1 Datasheet
145Kb / 2P
Power SMD Film Resistors
PFS35-5KF1 RIEDON-PFS35-5KF1 Datasheet
145Kb / 2P
Power SMD Film Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com