Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-81 Datasheet (PDF) - CUI Devices

SD-81 Datasheet PDF - CUI Devices
Part # SD-81
Download  SD-81 Download
File Size   471.19 Kbytes
Page   5 Pages
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices
Description STANDARD DIN CONNECTOR

SD-81 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD-81 Datasheet PDF - CUI Devices

Part # SD-81
Download  SD-81 Click to download

File Size   471.19 Kbytes
Page   5 Pages
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices
Description STANDARD DIN CONNECTOR

SD-81 Datasheet (HTML) - CUI Devices


SD-81 Product details

FEATURES
• strain relief
• 3~13 pins
• 100 Vac rated




Similar Part No. - SD-81

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-81 CUI-SD-81 Datasheet
316Kb / 5P
SERIES: SD DESCRIPTION: STANDARD DIN CONNECTOR
SD-81 CUI-SD-81 Datasheet
316Kb / 5P
STANDARD DIN CONNECTOR
SD-81 CUI-SD-81 Datasheet
322Kb / 5P
STANDARD DIN CONNECTOR
logo
Ulti-Mate Connector Inc
SD-811031000 ULTI-MATE-SD-811031000 Datasheet
42Kb / 1P
Micro Circular Solder Cup 5 Pin No Hardware Plastic Shell 125 Max Temp No QPL
02-13-13
SD-811031120 ULTI-MATE-SD-811031120 Datasheet
43Kb / 1P
Micro Circular Wired 5 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
02-13-13
More results


Similar Description - SD-81

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
STANDARD DIN CONNECTOR
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
STANDARD DIN CONNECTOR
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
STANDARD DIN CONNECTOR
08/05/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com