Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3622MPBF Datasheet (PDF) - International Rectifier

IR3622MPBF Datasheet PDF - International Rectifier
Part # IR3622MPBF
Download  IR3622MPBF Download
File Size   654.68 Kbytes
Page   31 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING

IR3622MPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3622MPBF Datasheet PDF - International Rectifier

Part # IR3622MPBF
Download  IR3622MPBF Click to download

File Size   654.68 Kbytes
Page   31 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING

IR3622MPBF Datasheet (HTML) - International Rectifier


IR3622MPBF Product details

Description
The IR3622 IC integrates a dual synchronous Buck controller, providing a high performance and flexible solution. The IR3622 can be configured as 2-independent outputs or as current shared single output. The current share configuration is ideal for high current applications.

Features
• Dual Synchronous Controller with 180° Out of Phase Operation
• Configurable to 2-Independent Outputs or Current Shared Single Output
• Output Voltage Tracking
• Power up / down Sequencing
• Current Sharing Using Inductor’s DCR
• +/-1% Accurate Reference Voltage
• Programmable Switching Frequency up 600kHz
• Programmable Over Current Protection
• Hiccup Current Limit Using MOSFET Rds(on) sensing
• Latched Overvoltage Protection
• Dual Programmable Soft-Starts
• Programmable Enable Input
• Pre-Bias Start-up
• Dual Power Good Outputs
• On Board Regulator
• External Frequency Synchronization
• Thermal Protection
• 32-Lead MLPQ Package

Applications
• Embedded Telecom Systems
• Distributed Point of Load Power Architectures
• Computing Peripheral Voltage Regulators
• Graphics Cards
• General DC/DC Converters




Similar Part No. - IR3622MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3622MPBF IRF-IR3622MPBF Datasheet
683Kb / 31P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
More results


Similar Description - IR3622MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3623MPBF IRF-IR3623MPBF Datasheet
542Kb / 26P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
logo
Semtech Corporation
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2447 SEMTECH-SC2447 Datasheet
755Kb / 26P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
logo
International Rectifier
IR3622AMPBF IRF-IR3622AMPBF Datasheet
675Kb / 33P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
logo
Semtech Corporation
SC2443 SEMTECH-SC2443 Datasheet
1Mb / 20P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
International Rectifier
IR3623MPBF IRF-IR3623MPBF_1 Datasheet
515Kb / 26P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
logo
International Rectifier
IR3622MTRPBF IRF-IR3622MTRPBF Datasheet
683Kb / 31P
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com