Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80119 Datasheet (PDF) - Alpha Wire

80119 Datasheet PDF - Alpha Wire
Part # 80119
Download  80119 Download
File Size   410.44 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 22 (19/34) AWG Tinned Copper

80119 Datasheet (PDF)

Go To PDF Page Download Datasheet
80119 Datasheet PDF - Alpha Wire

Part # 80119
Download  80119 Click to download

File Size   410.44 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 22 (19/34) AWG Tinned Copper

80119 Datasheet (HTML) - Alpha Wire




Similar Part No. - 80119

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8011 FILTRAN-8011 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
Sonardyne sound in dept...
8011 SONARDYNE-8011 Datasheet
116Kb / 2P
RovNav 5 LBL Transceiver
logo
Belden Inc.
8011 BELDEN-8011 Datasheet
152Kb / 2P
Bus Bar Wire, #12 Sol TC
05-05-2023
logo
Sealevel Systems, Inc.
8011 SEALEVEL-8011 Datasheet
692Kb / 2P
PCI 8 Form C Relay Output / 8 Isolated Input Digital Interface
logo
Belden Inc.
8011-000100 BELDEN-8011-000100 Datasheet
152Kb / 2P
Bus Bar Wire, #12 Sol TC
05-05-2023
More results


Similar Description - 80119

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351299 ETC2-1351299 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com