Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA992 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA992 Datasheet PDF - Texas Instruments
Part # OPA992
Download  OPA992 Download
File Size   3069.31 Kbytes
Page   54 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx992-Q1 Automotive, 40V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp

OPA992 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA992 Datasheet PDF - Texas Instruments

Part # OPA992
Download  OPA992 Click to download

File Size   3069.31 Kbytes
Page   54 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx992-Q1 Automotive, 40V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp

OPA992 Datasheet (HTML) - Texas Instruments


OPA992 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C, TA
– Device HBM ESD classification level 2A
– Device CDM ESD classification level C6
• Low offset voltage: ±210μV
• Low offset voltage drift: ±0.25μV/°C
• Low noise: 7nV/√Hz at 1kHz, 4.4nV/√Hz
broadband
• High common-mode rejection: 115dB
• Low bias current: ±10pA
• Rail-to-rail input and output
• MUX-friendly/comparator inputs
– Amplifier operates with differential inputs up to
supply rail
– Amplifier can be used in open-loop or as
comparator
• Wide bandwidth: 10.6MHz GBW, unity-gain stable
• High slew rate: 32V/μs
• Low quiescent current: 2.4mA per amplifier
• Wide supply: ±1.35V to ±20V, 2.7V to 40V
• Robust EMIRR performance

2 Applications
• Automotive head unit
• Automotive external amplifier
• Emergency call (eCall)
• Telematics control unit (TCU)
• Traction inverter
• HEV/EV on-board and wireless charger (OBC)
• HEV/EV DC/DC converter
• High-side and low-side current sensing

3 Description
The OPAx992-Q1 family (OPA992-Q1, OPA2992-Q1,
and OPA4992-Q1) is a family of high voltage (40V)
general purpose operational amplifiers. These devices
offer excellent DC precision and AC performance,
including rail-to-rail input or output, low offset
(±210μV, typical), low offset drift (±0.25μV/°C, typical)
and low noise (7nV/√Hz at 1kHz, 4.4nV/√Hz at
10kHz).
Features such as differential and common-mode
input voltage ranges to the supply rails, high shortcircuit
current (±65mA), and high slew rate (32V/μs)
make the OPAx992-Q1 a flexible, robust, and highperformance
op amp for high-voltage automotive
applications.
The OPAx992-Q1 family of op amps is available in
standard packages (such as SOIC, TSSOP, VSSOP,
SOT-23, and SC70), and is specified from –40°C to
125°C.




Similar Part No. - OPA992

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA992 TI-OPA992 Datasheet
2Mb / 27P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA992 TI-OPA992 Datasheet
4Mb / 64P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED OCTOBER 2021
OPA992 TI-OPA992 Datasheet
5Mb / 68P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
DECEMBER 2021
OPA992 TI-OPA992 Datasheet
4Mb / 70P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED AUGUST 2022
OPA992 TI-OPA992 Datasheet
2Mb / 38P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
AUGUST 2022
More results


Similar Description - OPA992

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2992-Q1 TI-OPA2992-Q1 Datasheet
2Mb / 36P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
AUGUST 2022
OPA992-Q1 TI-OPA992-Q1_V01 Datasheet
2Mb / 38P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
AUGUST 2022
OPA992-Q1 TI-OPA992-Q1_V02 Datasheet
2Mb / 41P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
AUGUST 2022
OPA992-Q1 TI1-OPA992-Q1_V04 Datasheet
2Mb / 47P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED JANUARY 2023
OPA992-Q1 TI-OPA992-Q1_V06 Datasheet
2Mb / 48P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED FEBRUARY 2023
OPA992-Q1 TI-OPA992-Q1_V07 Datasheet
2Mb / 50P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
OPA992-Q1 TI-OPA992-Q1_V08 Datasheet
2Mb / 51P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
OPA992-Q1 TI-OPA992-Q1_V09 Datasheet
2Mb / 51P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
APRIL 2023
OPA992-Q1 TI-OPA992-Q1_V10 Datasheet
2Mb / 51P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
OPA992-Q1 TI-OPA992-Q1_V11 Datasheet
2Mb / 51P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com