Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC166A Datasheet (PDF) - Texas Instruments

SN74LVC166A Datasheet PDF - Texas Instruments
Part # SN74LVC166A
Download  SN74LVC166A Download
File Size   1022.87 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear

SN74LVC166A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC166A Datasheet PDF - Texas Instruments

Part # SN74LVC166A
Download  SN74LVC166A Click to download

File Size   1022.87 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear

SN74LVC166A Datasheet (HTML) - Texas Instruments


SN74LVC166A Product details

1 Features
• Operating range from 1.1V to 3.6V
• Over-voltage tolerant inputs support up to 5.5V
independent of VCC
• Supports partial-power-down with back drive
protection (Ioff)
• High push-pull output drive strength:
– ±24mA at 3.3V
– ±8mA at 2.3V
– ±4mA at 1.65V
• Maximum propagation delay of 11.2ns at 3.3V
supply
• Latch-up performance exceeds 100mA
per JESD78

2 Applications
• Increase the number of inputs on a microcontroller
• Read in board revision

3 Description
The SN74LVC166A contains one 8-bit parallel-load
shift register. Data is loaded synchronously using the
shift or load (SH/LD) select and clock (CLK) inputs.
The device includes a serial (SER) input to allow
for daisy chaining and an asynchronous clear (CLR)
input.




Similar Part No. - SN74LVC166A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC166A TI1-SN74LVC166A Datasheet
1,019Kb / 23P
SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
MAY 2024
SN74LVC166A TI1-SN74LVC166A Datasheet
2Mb / 34P
SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
MAY 2024
SN74LVC166ABQBR TI1-SN74LVC166ABQBR Datasheet
1,019Kb / 23P
SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
MAY 2024
SN74LVC166ABQBR TI1-SN74LVC166ABQBR Datasheet
2Mb / 34P
SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
MAY 2024
SN74LVC166ADR TI1-SN74LVC166ADR Datasheet
2Mb / 34P
SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
MAY 2024
More results


Similar Description - SN74LVC166A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54165 TI-SN54165 Datasheet
199Kb / 13P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com