Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069483 Datasheet (PDF) - PHOENIX CONTACT

1069483 Datasheet PDF - PHOENIX CONTACT
Part # 1069483
Download  1069483 Download
File Size   419.84 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M17-3EP1N8A8004/1,5 - Cable connector

1069483 Datasheet (PDF)

Go To PDF Page Download Datasheet
1069483 Datasheet PDF - PHOENIX CONTACT

Part # 1069483
Download  1069483 Click to download

File Size   419.84 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M17-3EP1N8A8004/1,5 - Cable connector

1069483 Datasheet (HTML) - PHOENIX CONTACT


1069483 Product details

M17, Cable connector, series: M17 PRO, straight, shielded: yes, Screw locking mechanism, No.
of pos.: 3+PE, contact connection type: Pin, Crimp connection, cable diameter range: 8.5 mm ...
12 mm, coding: N, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.
1 %)

Your advantages
• Solutions with cross-manufacturer compatibility for standard and fast locking systems
• Reliable under the harshest conditions: cable connectors with vibration brake
• Modern, consistent design for highly convenient operation
• Easy, cost-effective cable assembly: uniform shielding of M17 to M40




Similar Part No. - 1069483

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1069482 PHOENIX-1069482 Datasheet
1Mb / 13P
M17-3EP1N8A8003/1,5 - Cable connector
1069484 PHOENIX-1069484 Datasheet
1Mb / 13P
M17-3ES1N8A8002/1,5 - Cable connector
1069485 PHOENIX-1069485 Datasheet
348Kb / 8P
M17-3ES1N8A8003/1,5 - Cable connector
1069486 PHOENIX-1069486 Datasheet
1Mb / 13P
M17-3ES1N8A8004/1,5 - Cable connector
1069487 PHOENIX-1069487 Datasheet
1Mb / 12P
M17-3EP1N8A8002S/1,5 - Cable connector
More results


Similar Description - 1069483

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628988 PHOENIX-1628988 Datasheet
1Mb / 10P
M17-6ES1N8A8003S - Cable connector
1629005 PHOENIX-1629005 Datasheet
1Mb / 11P
M17-17S1N8A8004S - Cable connector
1629050 PHOENIX-1629050 Datasheet
1Mb / 12P
M17-17P1N8A8004 - Cable connector
1069491 PHOENIX-1069491 Datasheet
1Mb / 12P
M17-3ES1N8A8003S/1,5 - Cable connector
1069482 PHOENIX-1069482 Datasheet
1Mb / 13P
M17-3EP1N8A8003/1,5 - Cable connector
1069486 PHOENIX-1069486 Datasheet
1Mb / 13P
M17-3ES1N8A8004/1,5 - Cable connector
1607666 PHOENIX-1607666 Datasheet
550Kb / 14P
ST-3EP1N8A8004 - Cable connector
1628975 PHOENIX-1628975 Datasheet
1Mb / 14P
M17-8ES1N8A8004S - Cable connector
1629017 PHOENIX-1629017 Datasheet
1Mb / 15P
M17-8ES1N8A8004 - Cable connector
1629049 PHOENIX-1629049 Datasheet
1Mb / 13P
M17-17S1N8A8002 - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com