Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFLS260X Datasheet (PDF) - Diodes Incorporated

DFLS260X Datasheet PDF - Diodes Incorporated
Part # DFLS260X
Download  DFLS260X Download
File Size   373.43 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A TRENCH SCHOTTKY BARRIER RECTIFIER

DFLS260X Datasheet (PDF)

Go To PDF Page Download Datasheet
DFLS260X Datasheet PDF - Diodes Incorporated

Part # DFLS260X
Download  DFLS260X Click to download

File Size   373.43 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A TRENCH SCHOTTKY BARRIER RECTIFIER

DFLS260X Datasheet (HTML) - Diodes Incorporated


DFLS260X Product details

Features and Benefits
 Low Leakage Current
 Soft, Fast Switching Capability
 +150°C Operating Junction Temperature
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.

Description and Application
For use in low-voltage, high-frequency inverters, freewheeling, DC-DC
converters, and polarity applications.
 SMPS
 DC/DC converters
 AC/DC adaptors
 Freewheeling diodes
 Reverse polarity protections
 Blocking diodes

Mechanical Data
 Package: PowerDI®123
 Package Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
 Moisture Sensitivity: Level 1 per J-STD-020
 Terminals: Finish – Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
 Polarity: Cathode Band
 Weight: 0.01 grams (Approximate)




Similar Part No. - DFLS260X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS260 DIODES-DFLS260 Datasheet
105Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS31476 Rev. 1 - 2
DFLS260 DIODES-DFLS260 Datasheet
105Kb / 8P
The evaluation board does not have reverse supply protection
OCTOBER 2012
DFLS260 DIODES-DFLS260 Datasheet
197Kb / 8P
The evaluation board does not have reverse supply protection
DECEMBER 2011
DFLS260-7 DIODES-DFLS260-7 Datasheet
105Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS31476 Rev. 1 - 2
DFLS260Q DIODES-DFLS260Q Datasheet
316Kb / 6P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI123
September 2018 Rev. 2 - 2
More results


Similar Description - DFLS260X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT2M10LP DIODES-SBRT2M10LP_15 Datasheet
311Kb / 5P
2A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
Rev erse
SBRT2U15LP DIODES-SBRT2U15LP_15 Datasheet
219Kb / 5P
2A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
Rev erse
SBRT2U45LP DIODES-SBRT2U45LP_15 Datasheet
538Kb / 5P
2A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
Rev erse
SDM2U20SD3 DIODES-SDM2U20SD3 Datasheet
406Kb / 6P
2A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Chip Integration Techno...
C24AG CITC-C24AG Datasheet
504Kb / 4P
2A Trench Schottky Rectifier
CB230WSG-ST CITC-CB230WSG-ST Datasheet
155Kb / 4P
2A Trench Schottky Rectifier
logo
Diodes Incorporated
SDM2100S1F DIODES-SDM2100S1F Datasheet
419Kb / 5P
2A SCHOTTKY BARRIER RECTIFIER
Rev 3
SBRT2M10LP DIODES-SBRT2M10LP Datasheet
311Kb / 5P
2A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
March 2015
SBRT2U45LP DIODES-SBRT2U45LP Datasheet
755Kb / 5P
2A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
B240AX DIODES-B240AX Datasheet
637Kb / 5P
2A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
March 2022 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com