Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

517D Datasheet (PDF) - Vishay Siliconix

517D Datasheet PDF - Vishay Siliconix
Part # 517D
Download  517D Download
File Size   103.89 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead

517D Datasheet (PDF)

Go To PDF Page Download Datasheet
517D Datasheet PDF - Vishay Siliconix

Part # 517D
Download  517D Click to download

File Size   103.89 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead

517D Datasheet (HTML) - Vishay Siliconix


517D Product details

FEATURES

• High CV per case size

• Low cost

• Solvent resistant construction (through 100 WVDC)

• High temperature operation

• Life test to 2000 h at + 105 °C

• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912



 




Similar Part No. - 517D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D105M050JA6AE3 VISHAY-517D105M050JA6AE3 Datasheet
117Kb / 8P
Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
04-May-2018
517D105M100JA6AE3 VISHAY-517D105M100JA6AE3 Datasheet
117Kb / 8P
Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
04-May-2018
517D105M160AA6AE3 VISHAY-517D105M160AA6AE3 Datasheet
117Kb / 8P
Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
04-May-2018
517D105M200AA6AE3 VISHAY-517D105M200AA6AE3 Datasheet
117Kb / 8P
Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
04-May-2018
517D105M250AA6AE3 VISHAY-517D105M250AA6AE3 Datasheet
117Kb / 8P
Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
04-May-2018
More results


Similar Description - 517D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30D VISHAY-30D Datasheet
174Kb / 5P
Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
22-Jul-08
511D VISHAY-511D Datasheet
268Kb / 6P
Aluminum Capacitors General Purpose, Miniature, Radial Lead
22-Jul-08
30D VISHAY-30D_13 Datasheet
76Kb / 5P
Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
16-Apr-13
672D VISHAY-672D Datasheet
116Kb / 8P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
23-May-13
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
04-May-2018
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com