Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6241 Datasheet (PDF) - Agilent(Hewlett-Packard)

AMMC-6241 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AMMC-6241
Download  AMMC-6241 Download
File Size   944.23 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 26-43 GHz Low Noise Amplifier

AMMC-6241 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6241 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AMMC-6241
Download  AMMC-6241 Click to download

File Size   944.23 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 26-43 GHz Low Noise Amplifier

AMMC-6241 Datasheet (HTML) - Agilent(Hewlett-Packard)


AMMC-6241 Product details

Description
Agilent’s AMMC-6241 is a high gain, low-noise amplifier that operates from 26 GHz to 43 GHz. This LNA provides a wide-band solution for system design since it covers several bands, thus, reduces part inventory. The device has input / output match to 50 Ohm, is unconditionally stable and can be used as either primary or sub-sequential low noise gain stage.

Features
• Wide frequency range: 26 - 43 GHz
• High gain: 20 dB
• Low 50 Ω Noise Figure: 2.7 dB
• 50 Ω Input and Output Match
• Flat Gain Response
• Single 3V Supply Bias

Applications
• Microwave Radio systems
• Satellite VSAT, DBS Up/Down Link
• LMDS & Pt-Pt mmW Long Haul
• Broadband Wireless Access (including 802.16 and 802.20 WiMax)
• WLL and MMDS loops
• Commercial Grade Military




Similar Part No. - AMMC-6241

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241 Datasheet
325Kb / 8P
26-43 GHz Low Noise Amplifier
AMMC-6241 AVAGO-AMMC-6241 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6241 BOARDCOM-AMMC-6241 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241-W10 AVAGO-AMMC-6241-W10 Datasheet
325Kb / 8P
26-43 GHz Low Noise Amplifier
AMMC-6241-W10 AVAGO-AMMC-6241-W10 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
More results


Similar Description - AMMC-6241

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA038N1-99 ALPHA-AA038N1-99 Datasheet
321Kb / 4P
26-41 GHz Low Noise Amplifier
AA038N1-A2 ALPHA-AA038N1-A2 Datasheet
548Kb / 4P
26-40 GHz Surface Mount Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241 Datasheet
325Kb / 8P
26-43 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241_08 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD162 MMIC-CMD162 Datasheet
214Kb / 9P
26-34 GHz Low Noise Amplifier
CMD188 MMIC-CMD188 Datasheet
222Kb / 10P
26-34 GHz Low Noise Amplifier
CMD290 MMIC-CMD290 Datasheet
342Kb / 14P
2-26 GHz GaN Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6241 BOARDCOM-AMMC-6241 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com