Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS374C Datasheet (PDF) - STMicroelectronics

TS374C Datasheet PDF - STMicroelectronics
Part # TS374C
Download  TS374C Download
File Size   88.51 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER QUAD CMOS VOLTAGE COMPARATOR

TS374C Datasheet (PDF)

Go To PDF Page Download Datasheet
TS374C Datasheet PDF - STMicroelectronics

Part # TS374C
Download  TS374C Click to download

File Size   88.51 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER QUAD CMOS VOLTAGE COMPARATOR

TS374C Datasheet (HTML) - STMicroelectronics


TS374C Product details

DESCRIPTION
These devices consist of four independent precision voltage comparators, designed to operate with single or dual supplies.
These differential comparators use the STMicroelectronics silicon lin MOS process giving them an excellent consumption-speed ratio.
These devices are ideally suited for low consumption applications.

■ WIDE SINGLE SUPPLY RANGE OR DUAL
   SUPPLIES 3V TO 16V OR ±1.5V TO ±8V
■ VERY LOW SUPPLY CURRENT:
   0.1mA/COMP INDEPENDENT OF SUPPLY VOLTAGE
■ EXTREMELY LOW INPUT BIAS CURRENT : 1pA typ
■ EXTREMELY LOW INPUT OFFSET
   CURRENTS : 1pA typ
■ LOW INPUT OFFSET VOLTAGE
■ INPUT COMMON-MODE VOLTAGE RANGE INCLUDES GND
■ LOW OUTPUT SATURATION VOLTAGE 150mV TYP
■ OUTPUT COMPATIBLE WITH TTL, MOS AND CMOS
■ HIGH INPUT IMPEDANCE : 1012Ω typ
■ FAST RESPONSE TIME : 200ns TYP FOR TTL LEVEL INPUT STEP




Similar Part No. - TS374C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3702 STMICROELECTRONICS-TS3702 Datasheet
51Kb / 5P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
TS3702 STMICROELECTRONICS-TS3702 Datasheet
117Kb / 11P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
26-Feb-2007
TS3702C STMICROELECTRONICS-TS3702C Datasheet
51Kb / 5P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
TS3702CD STMICROELECTRONICS-TS3702CD Datasheet
117Kb / 11P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
26-Feb-2007
TS3702CD STMICROELECTRONICS-TS3702CD Datasheet
121Kb / 11P
Micropower dual CMOS voltage comparators
26-Feb-2007
More results


Similar Description - TS374C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
Low power quad voltage comparator
18-Jul-2006
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATOR
Feb-2002
LM2901 STMICROELECTRONICS-LM2901_07 Datasheet
547Kb / 13P
Low power quad voltage comparator
19-Dec-2007
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
CMOS Low power voltage dual comparator
logo
STMicroelectronics
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
Low-power quad voltage comparator
06-Feb-2012
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
CMOS Low power voltage comparator
logo
ELM Technology Corporat...
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
CMOS Low power voltage comparator
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
CMOS Low power voltage comparator
logo
Texas Instruments
LM339-MIL TI1-LM339-MIL Datasheet
1Mb / 23P
Low-Power Low-Offset Voltage Quad Comparator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com