Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ10EL16VOU+ Datasheet (PDF) - Arizona Microtek, Inc

AZ10EL16VOU+ Datasheet PDF - Arizona Microtek, Inc
Part # AZ10EL16VOU+
Download  AZ10EL16VOU+ Download
File Size   258.68 Kbytes
Page   18 Pages
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc
Description ECL/PECL Oscillator Gain Stage and Buffer with Enable

AZ10EL16VOU+ Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ10EL16VOU+ Datasheet PDF - Arizona Microtek, Inc

Part # AZ10EL16VOU+
Download  AZ10EL16VOU+ Click to download

File Size   258.68 Kbytes
Page   18 Pages
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc
Description ECL/PECL Oscillator Gain Stage and Buffer with Enable

AZ10EL16VOU+ Datasheet (HTML) - Arizona Microtek, Inc


AZ10EL16VOU+ Product details

DESCRIPTION
The AZ10/100EL16VO is an oscillator gain stage with a high gain output buffer including an enable. The QHG/Q¯ HG outputs have a voltage gain several times greater than the Q/Q¯ outputs. An enable input (EN ¯¯ ) allows continuous oscillator operation. When EN ¯¯ is LOW or floating (NC), input data is passed to both sets of outputs. When EN ¯¯ is HIGH, the QHG/Q¯ HG outputs will be forced LOW/HIGH respectively, while input data will continue to be passed to the Q/Q¯ outputs. The EN ¯¯ input can be driven with an ECL/PECL signal or a CMOS logic signal.
The input impedance of the D/D¯ inputs remain constant for all operating modes since forcing the outputs via the EN ¯¯ pin does not power-down the chip but only disables the high gain QHG/Q¯ HG outputs.
Input protection diodes are included on the D/D¯ inputs for enhanced ESD protection.
The EL16VO also provides a VBB output that supports 1.5mA sink/source current. When used, the VBB pin should be bypassed to ground or VCC via a 0.01μF capacitor.
Any used output must have an external pull down resistor. For 3.3V operation, an 180Ω resistor to VEE is recommended if an AC coupled load is present. At 5.0V, a 330Ω resistor is recommended for the AC load case. Alternately, a 50Ω load terminated to VCC – 2V or the Thevenin equivalent may be driven directly. Unused outputs may be left floating (NC).

FEATURES
• Green and RoHS Compliant Available
• 250ps Propagation Delay on Q¯ Output
• High Voltage Gain vs. Standard EL16
• For Oscillator Applications
• Available in 2x2 or 3x3mm MLP Package
• 75kΩ Enable Pull-Down Resistor
• S–Parameter (.s2p) and IBIS Model
   Files Available on Arizona Microtek Website




Similar Part No. - AZ10EL16VOU+

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL16VOU+ ETC2-AZ10EL16VOU+ Datasheet
258Kb / 18P
ECL/PECL Oscillator Gain Stage and Buffer with Enable
More results


Similar Description - AZ10EL16VOU+

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV Datasheet
93Kb / 9P
Dual Frequency ECL/PECL Oscillator Gain Stage & Buffer with Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com