Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ100LVEL16VR Datasheet (PDF) - List of Unclassifed Manufacturers

AZ100LVEL16VR Datasheet PDF - List of Unclassifed Manufacturers
Part # AZ100LVEL16VR
Download  AZ100LVEL16VR Download
File Size   178.43 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable

AZ100LVEL16VR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ100LVEL16VR Datasheet PDF - List of Unclassifed Manufacturers

Part # AZ100LVEL16VR
Download  AZ100LVEL16VR Click to download

File Size   178.43 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable

AZ100LVEL16VR Datasheet (HTML) - List of Unclassifed Manufacturers


AZ100LVEL16VR Product details

[ARIZONA MICROTEK, INC.]

DESCRIPTION
The AZ100LVEL16VR is a specialized oscillator gain stage with high gain output buffer including an enable.

FEATURES
• High Bandwidth for ≥1GHz
• Similar Operation as AZ100EL16VO
• Operating Range of 3.0V to 5.5V
• Minimizes External Components
• Selectable Enable Polarity and Threshold (CMOS/TTL or PECL)
• Available in a 3x3mm MLP Package




Similar Part No. - AZ100LVEL16VR

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VRL AZM-AZ100LVEL16VRL Datasheet
191Kb / 13P
ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VRL AZM-AZ100LVEL16VRL Datasheet
473Kb / 9P
Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
AZ100LVEL16VRL+ AZM-AZ100LVEL16VRL+ Datasheet
191Kb / 13P
ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VRNEG AZM-AZ100LVEL16VRNEG Datasheet
191Kb / 13P
ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
More results


Similar Description - AZ100LVEL16VR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
ECL/PECL Oscillator Gain Stage and Buffer with Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com