Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ100LVEL58D Datasheet (PDF) - Arizona Microtek, Inc

AZ100LVEL58D Datasheet PDF - Arizona Microtek, Inc
Part # AZ100LVEL58D
Download  AZ100LVEL58D Download
File Size   74.92 Kbytes
Page   6 Pages
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc
Description ECL/PECL 2:1 Multiplexer

AZ100LVEL58D Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ100LVEL58D Datasheet PDF - Arizona Microtek, Inc

Part # AZ100LVEL58D
Download  AZ100LVEL58D Click to download

File Size   74.92 Kbytes
Page   6 Pages
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc
Description ECL/PECL 2:1 Multiplexer

AZ100LVEL58D Datasheet (HTML) - Arizona Microtek, Inc


AZ100LVEL58D Product details

DESCRIPTION
The AZ100LVEL58 is a 2:1 multiplexer. The device is pin and functionally equivalent to the EL58. With AC performance similar to the EL58 device, the LVEL58 is ideal for the low voltage applications that require the ultimate in AC performance. If desired, the select input can be directly driven from a CMOS output.

FEATURES
• Green / RoHS Compliant / Lead (Pb) Free Packages Available
• 440ps Propagation Delay
• Operating Range of 3.0V to 5.5V
• Internal Input Pulldown Resistors
• Q Output will Default LOW with Inputs Open or at VEE
• Transistor Count = 58 Devices
• Direct Replacement for ON Semiconductor MC100LVEL58




Similar Part No. - AZ100LVEL58D

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL58DG AZM-AZ100LVEL58DG Datasheet
464Kb / 8P
PECL/ECL 2:1 Multiplexer
More results


Similar Description - AZ100LVEL58D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58_06 Datasheet
127Kb / 7P
3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
Arizona Microtek, Inc
AZ10EL58 AZM-AZ10EL58 Datasheet
73Kb / 6P
ECL/PECL 2:1 Multiplexer
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
Arizona Microtek, Inc
AZ100LVEL58 AZM-AZ100LVEL58_12 Datasheet
464Kb / 8P
PECL/ECL 2:1 Multiplexer
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com