Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4DIR0401H Datasheet (PDF) - Infineon Technologies AG

4DIR0401H Datasheet PDF - Infineon Technologies AG
Part # 4DIR0401H
Download  4DIR0401H Download
File Size   1253.24 Kbytes
Page   60 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ISOFACE™ Digital Isolator 4DIRx4xxH family

4DIR0401H Datasheet (PDF)

Go To PDF Page Download Datasheet
4DIR0401H Datasheet PDF - Infineon Technologies AG

Part # 4DIR0401H
Download  4DIR0401H Click to download

File Size   1253.24 Kbytes
Page   60 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ISOFACE™ Digital Isolator 4DIRx4xxH family

4DIR0401H Datasheet (HTML) - Infineon Technologies AG


4DIR0401H Product details

Description
The ISOFACE™ 4DIRx4xxH quad-channel digital isolator family supports data rates up to 40 Mbps and ensures
robust data communication over a wide ambient operating temperature range (-40°C to +125°C) and across
production spread. Infineon’s robust Coreless Transformer (CT) technology provides high immunity against
system noise (CMTI of min. 100 kV/µs) and withstands up to 5700 Vrms isolation voltage (VISO). Four data
channels in a PG-DSO-16 wide-body 300 mil package allow simplified and high power density designs and
improve system efficiency with low power consumption. Product variants with different channel configurations
and fail-safe default output states are available.

Features
• Data rates up to 40 Mbps
• Wide operating supply voltage 2.7 V - 6.5 V
• Low current consumption (max. 1.6 mA/ch @ 1 Mbps, 3.3 V, 15 pF)
• High CMTI of min. 100 kV/µs
• Propagation delay typ 26 ns with 3 ns channel-to-channel mismatch
• Max 3 ns pulse width distortion @ 3.3 V
• Variable CMOS input thresholds with default output high or low options
• RoHS compliant PG-DSO-16 wide-body 300 mil package

Isolation and safety certificates
• UL 1577 (Ed. 5) with VISO = 5700 Vrms (certification n. E311313)
• VDE 0884-17 1)and IEC 60747-17 with VIOTM = 8000 Vpk, VIORM = 1767 Vpk, VIOSM = 10400 Vpk 2)
• EN and CQC certification for IEC 62368-1, IEC 60601-1, IEC 61010-1, GB 4943.1 system standards 2)

Product validation
Fully qualified according to JEDEC for industrial applications.

Potential applications
• Server, telecom and Industrial Switch-Mode Power Supplies (SMPS)
• Industrial automation systems
• Motor drives
• Medical equipments
• Isolated Serial Peripheral Interface (SPI)




Similar Part No. - 4DIR0401H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
4DIR0401HA INFINEON-4DIR0401HA Datasheet
1Mb / 60P
ISOFACE™ 4DIRx4xxHA family
V1.7
More results


Similar Description - 4DIR0401H

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
iCoupler Digital Isolator
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
High Speed Digital Isolator
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
DUAL DIGITAL ISOLATOR
logo
Analog Devices
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
iCoupler Digital Isolator
Rev. I
ADUM1100ARZ AD-ADUM1100ARZ Datasheet
384Kb / 20P
iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
Coupler Digital Isolator
Rev. I
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com