Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4DIR2401HA Datasheet (PDF) - Infineon Technologies AG

4DIR2401HA Datasheet PDF - Infineon Technologies AG
Part # 4DIR2401HA
Download  4DIR2401HA Download
File Size   1268.77 Kbytes
Page   60 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ISOFACE™ 4DIRx4xxHA family

4DIR2401HA Datasheet (PDF)

Go To PDF Page Download Datasheet
4DIR2401HA Datasheet PDF - Infineon Technologies AG

Part # 4DIR2401HA
Download  4DIR2401HA Click to download

File Size   1268.77 Kbytes
Page   60 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ISOFACE™ 4DIRx4xxHA family

4DIR2401HA Datasheet (HTML) - Infineon Technologies AG


4DIR2401HA Product details

Description
The ISOFACE™ 4DIRx4xxHA quad-channel digital isolator family is AEC-Q100 qualified for automotive
applications. It supports data rates up to 40 Mbps and ensures robust data communication over a wide ambient
operating temperature range (-40°C to +125°C). Infineon’s robust Coreless Transformer (CT) technology
provides high immunity against system noise (CMTI of min. 100 kV/µs) and withstands up to 5700 Vrms isolation
voltage (VISO). Four data channels in a PG-DSO-16 wide-body 300 mil package allow simplified and high power
density designs and improve system efficiency with low power consumption. Product variants with different
channel configurations and fail-safe default output states are available.

Features
• AEC-Q100 qualification for Grade 1 (-40°C to +125°C) ambient operating
temperature range
• Data rates up to 40 Mbps
• Wide operating supply voltage 2.7 V - 6.5 V
• Low current consumption (max. 1.6 mA/ch @ 1 Mbps, 3.3 V, 15 pF)
• High CMTI of min. 100 kV/µs
• Propagation delay typ 26 ns with 3 ns channel-to-channel mismatch
• Max 3 ns pulse width distortion @ 3.3 V
• Variable CMOS input thresholds with default output high or low options
• RoHS compliant PG-DSO-16 wide-body 300 mil package

Isolation and safety certificates
• UL 1577 (Ed. 5) with VISO = 5700 Vrms (certification n. E311313)
• VDE 0884-17 1)and IEC 60747-17 with VIOTM = 8000 Vpk, VIORM = 1767 Vpk, VIOSM = 10400 Vpk 2)
• EN and CQC certification for IEC 62368-1, IEC 60601-1, IEC 61010-1, GB 4943.1 system standards 2)

Product validation
Qualified for automotive applications. Product validation according to AEC-Q100.

Potential applications
• Isolated Serial Peripheral Interface (SPI)
• Hybrid, electric and powertrain systems (EV/HEV)
- On-Board Charger (OBC)
- Traction inverter
- DC/DC converter
- Inverter and motor control




Similar Part No. - 4DIR2401HA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
4DIR2401H INFINEON-4DIR2401H Datasheet
1Mb / 60P
ISOFACE™ Digital Isolator 4DIRx4xxH family
V1.6
More results


Similar Description - 4DIR2401HA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPMB250-A1 STMICROELECTRONICS-SPMB250-A1 Datasheet
654Kb / 18P
MOTIONBEE™ family acceleration sensor
03-Nov-2009
logo
Microsemi Corporation
ZL38040 MICROSEMI-ZL38040 Datasheet
1Mb / 6P
Timberwolf Digital Signal Processor family, powered by AcuEdge™ Technology
October 2014
ZL38042 MICROSEMI-ZL38042 Datasheet
1Mb / 8P
Timberwolf Digital Signal Processor family, powered by AcuEdge™ Technology
January 2016
ZL38050 MICROSEMI-ZL38050 Datasheet
3Mb / 66P
Timberwolf Digital Signal Processor family, powered by AcuEdge™ Technology
October 2015
ZL38051 MICROSEMI-ZL38051 Datasheet
1Mb / 16P
Timberwolf Digital Signal Processor family, powered by AcuEdge™ Technology
October 2015
ZL38052 MICROSEMI-ZL38052 Datasheet
3Mb / 64P
Timberwolf Digital Signal Processor family, powered by AcuEdge™ Technology
March 2016
ZL38062 MICROSEMI-ZL38062 Datasheet
3Mb / 65P
Timberwolf Digital Signal Processor family, powered by AcuEdge™ Technology
April 2016
ZL38067 MICROSEMI-ZL38067 Datasheet
3Mb / 68P
Timberwolf Digital Signal Processor family, powered by AcuEdge™ Technology
December 2016
ZL38080 MICROSEMI-ZL38080 Datasheet
1Mb / 6P
Timberwolf Digital Signal Processor family, powered by AcuEdge™ Technology
December 2014
logo
AAEON Technology
PICO-V2K4-SEMI AAEON-PICO-V2K4-SEMI Datasheet
420Kb / 2P
PICO-SEMI with AMD RYZEN™ V2000 embedded Processor Family
2022/11/22
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com