Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBQ75T65PEH Datasheet (PDF) - MagnaChip Semiconductor.

MBQ75T65PEH Datasheet PDF - MagnaChip Semiconductor.
Part # MBQ75T65PEH
Download  MBQ75T65PEH Download
File Size   781.39 Kbytes
Page   8 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 650V Field Stop IGBT

MBQ75T65PEH Datasheet (PDF)

Go To PDF Page Download Datasheet
MBQ75T65PEH Datasheet PDF - MagnaChip Semiconductor.

Part # MBQ75T65PEH
Download  MBQ75T65PEH Click to download

File Size   781.39 Kbytes
Page   8 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 650V Field Stop IGBT

MBQ75T65PEH Datasheet (HTML) - MagnaChip Semiconductor.


MBQ75T65PEH Product details

General Description
This IGBT is produced using advanced Magnachip’s Field Stop Trench
IGBT Technology, which provides high performance, excellent quality
and high ruggedness.

Features
 High ruggedness for motor control
 VCE(sat) positive temperature coefficient
 Very soft, fast recovery anti-parallel diode
 Low EMI
 Maximum junction temperature 175°C

Applications
 PV Inverter
 UPS Power
 Welder




Similar Part No. - MBQ75T65PEH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MBQ25T120FESC MGCHIP-MBQ25T120FESC Datasheet
1Mb / 10P
High speed Fieldstop Trench IGBT
MBQ25T120FESCTH MGCHIP-MBQ25T120FESCTH Datasheet
1Mb / 10P
High speed Fieldstop Trench IGBT
MBQ40T120FDS MGCHIP-MBQ40T120FDS Datasheet
1Mb / 8P
High speed FieldStop Trench IGBT
Sep. 2013 Revision 0.0
MBQ40T120FDSTH MGCHIP-MBQ40T120FDSTH Datasheet
1Mb / 8P
High speed FieldStop Trench IGBT
Sep. 2013 Revision 0.0
MBQ40T120FES MGCHIP-MBQ40T120FES Datasheet
1Mb / 8P
High speed FieldStop Trench IGBT
More results


Similar Description - MBQ75T65PEH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N65UFD FAIRCHILD-FGH40N65UFD Datasheet
729Kb / 9P
650V, 40A Field Stop IGBT
FGH75T65UPD FAIRCHILD-FGH75T65UPD Datasheet
922Kb / 10P
650V, 75A Field Stop Trench IGBT
logo
Rohm
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
650V 15A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
650V 20A Field Stop Trench IGBT
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
650V 20A Field Stop Trench IGBT
logo
MagnaChip Semiconductor...
MBQ40T65FESC MGCHIP-MBQ40T65FESC Datasheet
1Mb / 8P
650V Field Stop IGBT
MBQ50T65FESC MGCHIP-MBQ50T65FESC Datasheet
1Mb / 8P
650V Field Stop IGBT
logo
Rohm
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
650V 50A Field Stop Trench IGBT
logo
MagnaChip Semiconductor...
MBF15T65PEH MGCHIP-MBF15T65PEH Datasheet
649Kb / 8P
650V Field Stop IGBT
logo
Rohm
RGWX5TS65 ROHM-RGWX5TS65 Datasheet
977Kb / 10P
650V 75A Field Stop Trench IGBT
2019.12 - Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com