Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP14N050TH Datasheet (PDF) - MagnaChip Semiconductor.

MDP14N050TH Datasheet PDF - MagnaChip Semiconductor.
Part # MDP14N050TH
Download  MDP14N050TH Download
File Size   1168.45 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 135V, 120A, 5.0mΩ

MDP14N050TH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDP14N050TH Datasheet PDF - MagnaChip Semiconductor.

Part # MDP14N050TH
Download  MDP14N050TH Click to download

File Size   1168.45 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 135V, 120A, 5.0mΩ

MDP14N050TH Datasheet (HTML) - MagnaChip Semiconductor.


MDP14N050TH Product details

General Description
The MDP14N050TH, Magnachip’s latest generation of MV MOSFET
Technology, which provides high performance in the lowest Rds(on),
fast switching performance, and excellent quality.
These devices can also be utilized in industrial applications such as
Low Power Drives of E-bike, Light electric vehicles, DC/DC converter,
and general purpose applications

Features
 VDS = 135V
 ID = 120A @VGS = 10V
 Very low on-resistance RDS(ON)
< 5.0 mΩ @VGS = 10V
 175 oC operating temperature
 100% UIL Tested
 100% Rg Tested
 100% △VDS Tested




Similar Part No. - MDP14N050TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
N-Channel MOSFET 250V, 14A, 0.28(ohm)
MDP14N25CTH MGCHIP-MDP14N25CTH Datasheet
846Kb / 6P
N-Channel MOSFET 250V, 14A, 0.28(ohm)
logo
Inchange Semiconductor ...
MDP14N25CTH ISC-MDP14N25CTH Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MDP14N25CTP MGCHIP-MDP14N25CTP Datasheet
846Kb / 6P
N-Channel MOSFET 250V, 14A, 0.28(ohm)
More results


Similar Description - MDP14N050TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDE1932 MGCHIP-MDE1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDE1991 MGCHIP-MDE1991 Datasheet
1,008Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 4.4m(ohm)
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
MDP15N075 MGCHIP-MDP15N075 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 150V, 120A, 7.5m(ohm)
MDP1723 MGCHIP-MDP1723 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 120A, 2.3m(ohm)
MDP1921 MGCHIP-MDP1921 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 4.5m(ohm)
MDP1930 MGCHIP-MDP1930 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 2.5m(ohm)
MDP1932 MGCHIP-MDP1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDE10N026RH MGCHIP-MDE10N026RH Datasheet
900Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.6m(ohm)
MDE10N050 MGCHIP-MDE10N050 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 5.0m(ohm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com