Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP1991 Datasheet (PDF) - MagnaChip Semiconductor.

MDP1991 Datasheet PDF - MagnaChip Semiconductor.
Part # MDP1991
Download  MDP1991 Download
File Size   1118.2 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 100V, 120A, 5.9mΩ

MDP1991 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDP1991 Datasheet PDF - MagnaChip Semiconductor.

Part # MDP1991
Download  MDP1991 Click to download

File Size   1118.2 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 100V, 120A, 5.9mΩ

MDP1991 Datasheet (HTML) - MagnaChip Semiconductor.


MDP1991 Product details

General Description
The MDP1991 uses advanced Magnachip’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance and excellent
quality. MDP1991 is suitable device for DC/DC Converter
and general purpose applications.

Features
 VDS = 100V
 ID = 120A @VGS = 10V
 RDS(ON)
< 5.9 mΩ @VGS = 10V




Similar Part No. - MDP1991

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP1901 MGCHIP-MDP1901 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
MDP1901TH MGCHIP-MDP1901TH Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
logo
VBsemi Electronics Co.,...
MDP1901TH VBSEMI-MDP1901TH Datasheet
946Kb / 7P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
MDP1901TH ISC-MDP1901TH Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MDP1921 MGCHIP-MDP1921 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 4.5m(ohm)
More results


Similar Description - MDP1991

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDE1932 MGCHIP-MDE1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDE1991 MGCHIP-MDE1991 Datasheet
1,008Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 4.4m(ohm)
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
MDP1921 MGCHIP-MDP1921 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 4.5m(ohm)
MDP1930 MGCHIP-MDP1930 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 2.5m(ohm)
MDP1932 MGCHIP-MDP1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDE10N026RH MGCHIP-MDE10N026RH Datasheet
900Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.6m(ohm)
MDE10N050 MGCHIP-MDE10N050 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 5.0m(ohm)
MDP10N027 MGCHIP-MDP10N027 Datasheet
930Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.8m(ohm)
MDP10N055 MGCHIP-MDP10N055 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 5.5m(ohm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com