| Electronic Components Datasheet Search |
|
MDP20N116PTTH Datasheet (PDF) - MagnaChip Semiconductor. |
MDP20N116PTTH Datasheet (PDF) |
|
Download Datasheet |
| Part # | MDP20N116PTTH |
| Download | MDP20N116PTTH Click to download |
| File Size | 621.85 Kbytes |
| Page | 8 Pages |
| Manufacturer | MGCHIP [MagnaChip Semiconductor.] |
| Direct Link | http://www.magnachip.co.kr |
| Logo | |
| Description | Single N-channel Trench MOSFET 200V 11.6mΩ 95A |
MDP20N116PTTH Datasheet (HTML) - MagnaChip Semiconductor. |
MDP20N116PTTH Product details |
|
Similar Part No. - MDP20N116PTTH |
|
Similar Description - MDP20N116PTTH |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |