Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT14N043RH Datasheet (PDF) - MagnaChip Semiconductor.

MDT14N043RH Datasheet PDF - MagnaChip Semiconductor.
Part # MDT14N043RH
Download  MDT14N043RH Download
File Size   854.4 Kbytes
Page   7 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 135V 4.3mΩ 201A

MDT14N043RH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDT14N043RH Datasheet PDF - MagnaChip Semiconductor.

Part # MDT14N043RH
Download  MDT14N043RH Click to download

File Size   854.4 Kbytes
Page   7 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 135V 4.3mΩ 201A

MDT14N043RH Datasheet (HTML) - MagnaChip Semiconductor.


MDT14N043RH Product details

General description
The MDT14N043RH uses advanced Magnachip’s MOSFET
technology, which provides high performance in on-state
resistance, fast switching performance, and excellent quality.
These devices can also be utilized in industrial applications
such as high power drives of E-Vehicles(E-bike), DC/DC
converter and BMS, general purpose applications.

Features and benefits
• Magnachip’s MOSFET Technology
• Very low on-resistance RDS(on)
• 100% Avalanche / Rg / △VDS Tested

Applications
• Motor Inverter
• Battery Management
• Power Inverter




Similar Part No. - MDT14N043RH

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT14P201 MDTIC-MDT14P201 Datasheet
130Kb / 21P
8-bit micro-controller
More results


Similar Description - MDT14N043RH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN537N FAIRCHILD-FDN537N Datasheet
269Kb / 6P
Single N-Channel Power Trench MOSFET
logo
MagnaChip Semiconductor...
MDU1531 MGCHIP-MDU1531 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1532S MGCHIP-MDU1532S Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1535 MGCHIP-MDU1535 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1538 MGCHIP-MDU1538 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1536 MGCHIP-MDU1536 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDV1542 MGCHIP-MDV1542 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDV1545 MGCHIP-MDV1545 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDV1548 MGCHIP-MDV1548 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
logo
First Silicon Co., Ltd
FTK2500NSOT883 FS-FTK2500NSOT883 Datasheet
491Kb / 5P
20V Single N-channel Trench MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com