Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDWC0342ERH Datasheet (PDF) - MagnaChip Semiconductor.

MDWC0342ERH Datasheet PDF - MagnaChip Semiconductor.
Part # MDWC0342ERH
Download  MDWC0342ERH Download
File Size   1104.54 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Common-Drain Dual N-Channel Trench MOSFET 12V

MDWC0342ERH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDWC0342ERH Datasheet PDF - MagnaChip Semiconductor.

Part # MDWC0342ERH
Download  MDWC0342ERH Click to download

File Size   1104.54 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Common-Drain Dual N-Channel Trench MOSFET 12V

MDWC0342ERH Datasheet (HTML) - MagnaChip Semiconductor.


MDWC0342ERH Product details

General Description
The MDWC0342E uses advanced Magnachip’s MOSFET
Technology, which provides high performance in on-state
resistance and excellent reliability. Excellent low RSS(ON),
low gate charge operation and operation for Battery
Application.

Features
- VSS = 12V
- Source-Source ON Resistance;
RSS(ON) < 5.7 mΩ @ VGS = 4.5V
RSS (ON) < 5.75mΩ @ VGS = 3.8V
RSS (ON) < 7.8 mΩ @ VGS = 3.1V
RSS (ON) < 12.5mΩ @ VGS = 2.5V

Applications
- Portable Battery Protection




Similar Part No. - MDWC0342ERH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDWC0340EB MGCHIP-MDWC0340EB Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
MDWC0340EBRH MGCHIP-MDWC0340EBRH Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
More results


Similar Description - MDWC0342ERH

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC3860 AOSMD-AOC3860 Datasheet
350Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3860A AOSMD-AOC3860A Datasheet
387Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3862 AOSMD-AOC3862 Datasheet
324Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3868 AOSMD-AOC3868 Datasheet
366Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3870 AOSMD-AOC3870 Datasheet
438Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3870A AOSMD-AOC3870A Datasheet
413Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3870C AOSMD-AOC3870C Datasheet
700Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.1: March 2020
AOCA24106C AOSMD-AOCA24106C Datasheet
554Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: April 2020
AOCA24108E AOSMD-AOCA24108E Datasheet
448Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2018
AOCA32107E AOSMD-AOCA32107E Datasheet
500Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: February 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com